Electronic Components Datasheet Search
  English  ▼

X  

15GL Datasheet(PDF) 2 Page - Copal Electronics

Part # 15GL
Description  Illuminated Pushbutton Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

15GL Datasheet(HTML) 2 Page - Copal Electronics

  15GL Datasheet HTML 1Page - Copal Electronics 15GL Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15GL
■ Packaging Specifications
           30pcs/tray
■ Soldering
(1)Manual soldering
Device:Solder iron
350℃ Max. 3sec. Max.
(2)Auto soldering
Device:Jet wave or dip type
260℃ Max. 10sec. Max.:Twice
15GL-14* □14 ㎜ Sq. Type
15GL-18* □18 ㎜ Sq. Type
Legend sheet should be cut as shown below
(t=0.2mm max)
(Note 1)Holes for terminal #7 and 8 are not required
for single color LED.
Dual Color LED
Single Color LED
14㎜ Sq. Type
18㎜ Sq. Type
1
3
5
2
4
6
4-R0.6
8
PCB 1.6
12.3
±0.5
14.2
±0.4
2
56
78
15
(Note 1)
78
56
2
17.5
±0.4
4-R1
PCB 1.6
8
12.3
±0.5
15
56
78
56
78
11
0
-0.1
13
0
-0.1
1
3
5
2
4
7(G)
6
8(R)
4-φ1.0 (注1)
±0.1
4-φ1.3
+0.1
-0
φ1.2
+0.1
-0
(Locating Hole)
Switch outline
(4)1
2(3)
4(1)
(2)3
6
5
8
7
12.5
±0.1
8
±0.1
■PC Hole Layouts
■Circuit
(Note 1)Terminal #14 may be arranged as shown
in the figure below.
(Note 2)Terminal #58 are not shown on the
switch.
(Note 1)Terminal #14 may be arranged as shown
in the figure below.
(Note 2)Terminal #58 are not shown on the
switch.
(Note 1)
■ Table of Part Numbers
Part No.
Key Top Style Key Top Color
LED Color
Transparent Cover
MOQ
15GL-140-0000-E
□14mm sq.
White
Yellow
With cover
100
15GL-140-0010-E
Red
Red
15GL-140-0030-E
Green
Green
15GL-140-0080-E
White
Green
15GL-140-0160-E
White
Red
15GL-140-0001-E
White
Red/Green
15GL-141-0000-E
White
Yellow
Without cover
15GL-141-0010-E
Red
Red
15GL-141-0030-E
Green
v
15GL-141-0080-E
White
Green
15GL-141-0160-E
White
Red
15GL-141-0001-E
White
Red/Green
15GL-180-0000-E
□18mm sq.
White
Yellow
With cover
15GL-180-0010-E
Red
Red
15GL-180-0030-E
Green
Green
15GL-180-0080-E
White
Green
15GL-180-0160-E
White
Red
15GL-180-0001-E
White
Red/Green
15GL-181-0000-E
White
Yellow
Without cover
15GL-181-0010-E
Red
Red
15GL-181-0030-E
Green
Green
15GL-181-0080-E
White
Green
15GL-181-0160-E
White
Green
15GL-181-0001-E
White
Red/Green



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com