Electronic Components Datasheet Search
  English  ▼

X  

AN24 Datasheet(PDF) 2 Page - Copal Electronics

Part # AN24
Description  W-6237EVAL2 EVALUATION BOARD FOR W-6237
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

AN24 Datasheet(HTML) 2 Page - Copal Electronics

  AN24 Datasheet HTML 1Page - Copal Electronics AN24 Datasheet HTML 2Page - Copal Electronics AN24 Datasheet HTML 3Page - Copal Electronics AN24 Datasheet HTML 4Page - Copal Electronics AN24 Datasheet HTML 5Page - Copal Electronics AN24 Datasheet HTML 6Page - Copal Electronics AN24 Datasheet HTML 7Page - Copal Electronics AN24 Datasheet HTML 8Page - Copal Electronics AN24 Datasheet HTML 9Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AN24
2
Document No. 6041, Rev. B
Figure 2. W-6237EVAL2 Board
The board is powered from an external voltage applied to the VIN (T1) pad. The circuit is delivered with the jumper
shunt on the J4 connector, which connects the 8 LEDs string available on board to the W-6237 output. The user
can move the jumper to other connector, J2 or J3, if he desires to connect a different number of LEDs (6 or 7 LEDs).
The user can connect his own white LEDs between VOUT (T7) and LED (T10) test points, with no jumper shunt set
to any of J2 to J4 connectors.
The LED current is set through the external resistors connected to the FB pin (R1, R2). Using the variable resistor R2,
the LED current can be set from 3mA to 30mA. Most white LEDs are driven at a maximum current between 15mA and
20mA to ensure a pure "white" light.
The board also demonstrates the W-6237 shutdown mode and LED brightness control by using an external PWM
signal or DC voltage. Resistor R3 and R5 (R5 – soldered on board by the user) are used to adjust the LED current
using the dimming control with an external applied DC voltage on the FB pin. The ON/OFF operation and dimming
control can be selected using the jumper options for the J1 connector.
Test points T1 to T10 are available to apply the external voltages/signal generator or to measure the output voltages
/ signals provided by W-6237.
The component placement is shown in Figure 2. Table 1 presents the component list for this evaluation board.
W-6237
W-6237EVAL2 Rev.1.0
W-6237
COPAL ELECTRONICS
www.copal-electronics.com
+81-3-3364-7055



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com