Electronic Components Datasheet Search
  English  ▼

X  

ATE Datasheet(PDF) 10 Page - Copal Electronics

Part # ATE
Description  Subminiature Toggle Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ATE Datasheet(HTML) 10 Page - Copal Electronics

Back Button ATE Datasheet HTML 2Page - Copal Electronics ATE Datasheet HTML 3Page - Copal Electronics ATE Datasheet HTML 4Page - Copal Electronics ATE Datasheet HTML 5Page - Copal Electronics ATE Datasheet HTML 6Page - Copal Electronics ATE Datasheet HTML 7Page - Copal Electronics ATE Datasheet HTML 8Page - Copal Electronics ATE Datasheet HTML 9Page - Copal Electronics ATE Datasheet HTML 10Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
■:VSKLYPUN:WLJPÄJH[PVUZ
⑴Manual Soldering
Device
: Soldering iron
380
℃, Max.; 3 seconds, Max.
⑵Auto Soldering
Device
: Jet wave type or dip type
275
℃, Max.; 6 seconds, Max.
●Pre-heating should be done at temperatures ranging from 80℃
to 120
℃ and within 120 seconds
⑶Install the cap/rocker accessory after soldering and cleaning.
■Flux Cleaning
⑴Solvent : Fluorine or Alcohol type.
⑵Cleaning after soldering should be done after the terminal
temperature falls to 90
℃ or below, or after leaving the switch
MVY Ä]L TPU\[LZ VY SVUNLY H[ YVVT [LTWLYH[\YL
■Mounting of Switch
●Use PC boards with hole diameter of 1mm.
●Do not bend the terminal pins before mounting the switch on
the PC board.
●After mounting the switch, do not place the device in such a
way that the device weight will be applied on to the actuator of
the switch.
●Do not apply load exceeding 12.7 N to the actuator.
■7HJRHNPUN :WLJPÄJH[PVUZ
Plastick Pack
PC terminals
: 100 pcs/pack
Right angle terminals
: 50 pcs/pack
Plastick Pack
Vertical mounting terminals
100 pcs/pack
ATE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com