Electronic Components Datasheet Search
  English  ▼

X  

CES Datasheet(PDF) 1 Page - Copal Electronics

Part # CES
Description  SLIDE SWITCHES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CES Datasheet(HTML) 1 Page - Copal Electronics

  CES Datasheet HTML 1Page - Copal Electronics CES Datasheet HTML 2Page - Copal Electronics CES Datasheet HTML 3Page - Copal Electronics CES Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
O Excellent contact stability by twin Gold-plated contact
O RoHS compliant
O Fine click action
Part name
Cover
Slider
Base
Moving contact
Fixed contact
Terminal pin
Material
Flammability
UL94V-0
Polyphenylenesulphide
Polyamide
Polyphenylenesulphide
Copper alloy, Gold-plated
INTERNAL STRUCTURE
O Hot water apparatus, Air-conditioning equipment and
vending machines
APPLICATIONS
SLIDE SWITCHES (FULL PITCH)
CES
PART NUMBER DESIGNATION
※ Please refer to the LIST OF PART NUMBERS when placing orders.
RoHS compliant
C E S - 0 8 0 2 M C
Series name
No. of bits
022 bits
044 bits
066 bits
088 bits
Form of packaging
MMagazine
BlankBulk in plastic bag
CThrough hole pin
Shape of terminal
Structure
2:2 mm


Similar Part No. - CES

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
TE Connectivity Ltd
CES-1-XX TEC-CES-1-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
logo
Samtec, Inc
CES-101-01-L-D-RA SAMTEC-CES-101-01-L-D-RA Datasheet
558Kb / 1P
LOW PROFILE SOCKET STRIPS (2,54 mm) .100"
CES-101-01-L-S-RA SAMTEC-CES-101-01-L-S-RA Datasheet
558Kb / 1P
LOW PROFILE SOCKET STRIPS (2,54 mm) .100"
CES-101-01-T-D-RA SAMTEC-CES-101-01-T-D-RA Datasheet
558Kb / 1P
LOW PROFILE SOCKET STRIPS (2,54 mm) .100"
More results

Similar Description - CES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
SLIDE SWITCHES
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
Slide Switches
logo
C&K Components
S101031SS03DQE CK-COMPONENTS-S101031SS03DQE Datasheet
309Kb / 5P
Slide Switches
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
SLIDE SWITCHES
EG1300 E-SWITCH-EG1300 Datasheet
104Kb / 1P
SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
SLIDE SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com