Electronic Components Datasheet Search
  English  ▼

X  

CD54HC4538 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC4538
Description  High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4538 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD54HC4538 Datasheet HTML 5Page - Texas Instruments CD54HC4538 Datasheet HTML 6Page - Texas Instruments CD54HC4538 Datasheet HTML 7Page - Texas Instruments CD54HC4538 Datasheet HTML 8Page - Texas Instruments CD54HC4538 Datasheet HTML 9Page - Texas Instruments CD54HC4538 Datasheet HTML 10Page - Texas Instruments CD54HC4538 Datasheet HTML 11Page - Texas Instruments CD54HC4538 Datasheet HTML 12Page - Texas Instruments CD54HC4538 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
Typical Performance Curves
FIGURE 8. K FACTOR vs DC SUPPLY VOLTAGE (VCC) - V
FIGURE 9. K FACTOR vs DC SUPPLY VOLTAGE (VCC) - V
FIGURE 10. K FACTOR vs CX
FIGURE 11. MINIMUM RETRIGGER TIME vs TIMING
CAPACITANCE
0.70
0.69
0.68
0.67
2
3
4
4.5
5
5.5
6
VCC, DC SUPPLY VOLTAGE (V)
10k
Ω, 10nF
10k
Ω, 100nF
100k
Ω, 100nF
100k
Ω, 10nF
HC4538 - TA11646C
TA = 25
oC
0.70
0.69
0.68
0.67
2
3
4
4.5
5
5.5
6
VCC, DC SUPPLY VOLTAGE (V)
10k
Ω, 10nF
10k
Ω, 100nF
100k
Ω, 100nF
100k
Ω, 10nF
HCT4538 - TA13646C
TA = 25
oC
1.3
1.1
0.9
0.6
10
102
103
104
105
CX, TIMING CAPACITANCE (pF)
2k
Ω
10k
Ω
100k
Ω
HC/HCT4538
VCC = 5V, TA = 25
oC
1.2
1.0
0.8
0.7
104
102
10
102
103
104
CX, TIMING CAPACITANCE (pF)
VCC = 4.5V
TA = 25
oC
RX = 10kΩ
103
VCC = 5V
CD54HC4538, CD74HC4538, CD54HCT4538, CD74HCT4538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com