Electronic Components Datasheet Search
  English  ▼

X  

CAS-220B Datasheet(PDF) 1 Page - Copal Electronics

Part # CAS-220B
Description  SLIDE SWITCHES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CAS-220B Datasheet(HTML) 1 Page - Copal Electronics

  CAS-220B Datasheet HTML 1Page - Copal Electronics CAS-220B Datasheet HTML 2Page - Copal Electronics CAS-220B Datasheet HTML 3Page - Copal Electronics CAS-220B Datasheet HTML 4Page - Copal Electronics CAS-220B Datasheet HTML 5Page - Copal Electronics CAS-220B Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Part name
①
②
③
④
⑥
⑤
CAS
SLIDE SWITCHES (SMD)
※ Please refer to the LIST OF PART NUMBERS when placing orders.
O RoHS compliant
O Compatible with most automatic pick & place machinery
O Compact and space saving SMD type
O Excellent contact stability by twin Gold-plated contact
O Low profile design of 2.5 mm
■ FEATURES
INTERNAL STRUCTURE
①
②
③
④
⑤
⑥
Cover
Slider
Housing
Slider contact
Fixed contact
Terminal pin
Material
Flammability
UL94V-0
—
Polyphenylenesulphide
Polyamide
Polyphenylenesulphide
Copper alloy, Gold-plated
■ PART NUMBER DESIGNATION
C A S - 1 2 0 T B 1
Series name
No. of poles
1:(SPDT) 1 pole、2:(2PDT) 2 poles
D:(Dual SPDT) Dual
SPDT : Single Pole Double Throw
  2PDT : Two Poles Double Throw
No. of contacts
2:2 contacts
Setting position
0:Top setting
Structure
1:Non-washable type (Without seal tape)
Standard type
2:Non-washable type (With seal tape)
Blank : Washable type (With seal tape)
Shape of terminal
A:J-hook
B:Gull wing
Form of packaging
T:Taping (Reel)
Blank:Bulk in plastic bag
RoHS compliant


Similar Part No. - CAS-220B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAS-220B ETC1-CAS-220B Datasheet
221Kb / 6P
SLIDE SWITCHES
CAS-220B1 ETC1-CAS-220B1 Datasheet
221Kb / 6P
SLIDE SWITCHES
CAS-220B2 ETC1-CAS-220B2 Datasheet
221Kb / 6P
SLIDE SWITCHES
More results

Similar Description - CAS-220B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
SLIDE SWITCHES
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
Slide Switches
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
SLIDE SWITCHES
EG1300 E-SWITCH-EG1300 Datasheet
104Kb / 1P
SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
SLIDE SWITCHES
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
SLIDE SWITCHES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com