Electronic Components Datasheet Search
  English  ▼

X  

INA302 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA302
Description  Overcurrent Protection, High-Speed Precision, Current-Sense Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA302 Datasheet(HTML) 1 Page - Texas Instruments

  INA302 Datasheet HTML 1Page - Texas Instruments INA302 Datasheet HTML 2Page - Texas Instruments INA302 Datasheet HTML 3Page - Texas Instruments INA302 Datasheet HTML 4Page - Texas Instruments INA302 Datasheet HTML 5Page - Texas Instruments INA302 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
OUT
IN+
IN-
Load
Supply
(0V to 36V)
RLIMIT1
+
GND
ALERT1
LATCH1
LIMIT1
+
ALERT2
LATCH2
LIMIT2
+
RLIMIT2
DELAY
CDELAY
INA302
VS
+2.7V to 5.5V
RPULL-UP
10k
0.1 PF
CBYPASS
Reference
Voltage
GPIO
GPIO
ADC
Microcontroller
GPIO
GPIO
-
( )
-
( )
+
(INA303)
COMP1
COMP2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
INA302, INA303
SBOS775 – SEPTEMBER 2016
INA30x 36-V, Overcurrent Protection, High-Speed Precision, Current-Sense Amplifier With
Dual Integrated Comparators
1
1 Features
1
•
Wide Common-Mode Input Range: 0 V to 36 V
•
Amplifier and Dual Comparator Outputs:
–
INA302: Two Overlimit Alerts
–
INA303: Window Comparator
–
Threshold Levels Set Individually
–
Comparator 1 Alert Response: 1 µs
–
Comparator 2 Adjustable Delay: 3 µs to 10 s
–
Open-Drain Outputs With Independent Latch
Control Modes
•
High Accuracy Amplifier:
–
Offset Voltage: 35 µV (Max)
–
Offset Voltage Drift: 0.5 µV/°C (Max)
–
Gain Error: 0.1% (Max)
–
Gain Error Drift: 10 ppm/°C
•
Available Amplifier Gains:
–
INA302A1, INA303A1: 20 V/V
–
INA302A2, INA303A2: 50 V/V
–
INA302A3, INA303A3: 100 V/V
2 Applications
•
Overcurrent Protection
•
Motor Controls
•
Power-Supply Protection
•
Computers and Servers
•
Telecom Equipment
3 Description
The INA302 and INA303 include a high common-
mode, bidirectional current-sensing amplifier and two
high-speed comparators. The INA302 comparators
are configured to detect and respond to overcurrent
conditions. The INA303 comparators are configured
to respond to both over- and undercurrent conditions.
The device features an adjustable limit threshold
range for each comparator set using an external limit-
setting
resistor.
This
current-shunt
monitor
can
measure differential voltage signals on common-
mode voltages that can vary from 0 V up to 36 V,
independent of the supply.
The open-drain alert outputs can be configured to
operate in either a transparent mode (output status
follows the input state) or in a latched mode (alert
output is cleared when the latch is reset). The alert
response time for comparator 1 is under 1 µs and the
alert response for comparator 2 is set through an
external capacitor ranging from 3 µs to 10 s.
This device operates from a single 2.7-V to 5.5-V
supply, drawing a maximum supply current of 950 μA.
The device is specified over the extended operating
temperature
range
(–40°C
to
+125°C),
and
is
available in a 14-pin TSSOP package.
Device Information
PART NUMBER
PACKAGE
BODY SIZE
INA30x
TSSOP (14)
4.40 mm × 5.00 mm
Typical Application


Similar Part No. - INA302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA302 TI1-INA302 Datasheet
865Kb / 38P
Automotive, 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
INA302 TI2-INA302 Datasheet
1Mb / 42P
INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
REVISED MARCH 2019
INA302 TI2-INA302 Datasheet
1Mb / 42P
INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
REVISED MARCH 2019
INA302-Q1 TI1-INA302-Q1 Datasheet
865Kb / 38P
Automotive, 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
INA302-Q1 TI2-INA302-Q1 Datasheet
1Mb / 42P
INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
REVISED MARCH 2019
More results

Similar Description - INA302

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
Precision High-Side Current-Sense Amplifier
logo
National Semiconductor ...
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
Precision High Voltage Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX9643 MAXIM-MAX9643 Datasheet
2Mb / 12P
60V High-Speed Precision Current-Sense Amplifier
Rev 0; 8/11
logo
Texas Instruments
LMP8640MK-T TI1-LMP8640MK-T Datasheet
1Mb / 22P
Precision High Voltage Current Sense Amplifier
LMP8645 TI1-LMP8645 Datasheet
1Mb / 30P
Precision High Voltage Current Sense Amplifier
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
Precision Current-Sense Amplifier
logo
Texas Instruments
INA300 TI1-INA300_16 Datasheet
1Mb / 41P
Overcurrent-Protection, Current-Sense Comparator
logo
Monolithic Power System...
MP8110 MPS-MP8110 Datasheet
301Kb / 10P
Precision High-Side Current-Sense Amplifier
EV8110DS-00A MPS-EV8110DS-00A Datasheet
153Kb / 4P
Precision High-Side Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX9643 MAXIM-MAX9643_V01 Datasheet
927Kb / 12P
60V High-Speed Precision Current-Sense Amplifier
2015
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com