Electronic Components Datasheet Search
  English  ▼

X  

REF6233 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # REF6233
Description  High-Precision Voltage Reference
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF6233 Datasheet(HTML) 19 Page - Texas Instruments

Back Button REF6233 Datasheet HTML 15Page - Texas Instruments REF6233 Datasheet HTML 16Page - Texas Instruments REF6233 Datasheet HTML 17Page - Texas Instruments REF6233 Datasheet HTML 18Page - Texas Instruments REF6233 Datasheet HTML 19Page - Texas Instruments REF6233 Datasheet HTML 20Page - Texas Instruments REF6233 Datasheet HTML 21Page - Texas Instruments REF6233 Datasheet HTML 22Page - Texas Instruments REF6233 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
Bandgap
Voltage
Reference
RFILT
Buffer
+
VIN
OUT_S
OUT_F
FILT
VIN
GND_S
GND_F
SS
EN
19
REF6225, REF6230, REF6233, REF6241, REF6245, REF6250
www.ti.com
SBOS748 – SEPTEMBER 2016
Product Folder Links: REF6225 REF6230 REF6233 REF6241 REF6245 REF6250
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
Most SAR ADCs, and a few delta-sigma ADCs, switch binary-weighted capacitors onto the REF pin during the
conversion process. The magnitude of the capacitance switched onto the REF pin during each conversion
depends on the input signal to the ADC. If a voltage reference is directly connected to the REF pin of these
ADCs, the reference voltage droops because of the dynamic input signal dependent load of the binary-weighted
capacitors. Because the reference voltage droop now has input signal dependance, significant degradation in
THD and linearity for the system occurs.
In order to support this dynamic load and preserve the ADC linearity, distortion and noise performance, the
output of the voltage reference must be buffered with a low-output impedance (high-bandwidth) buffer. The
REF62xx family of voltage references have an integrated low output impedance buffer that enables the user to
directly drive the REF pin of a SAR ADC, while preserving ADC linearity and distortion. In addition, the total noise
in the full bandwidth of the REF62xx is extremely low, thus preserving the noise performance of the ADC.
Voltage-Reference Impact on Total Harmonic Distortion (SLYY097) correlates the effect of reference settling to
ADC distortion, and how the REF62xx achieves lowest distortion with minimal components and lowest power
consumption.
The output voltage of the REF62xx does not droop below 1 LSB (18-bit), even during the first conversion while
driving the REF pin of the ADS8881. This feature is useful in burst-mode, event-triggered, equivalent-time
sampling, and variable-sampling-rate data-acquisition systems. Functional Block Diagram shows a simplified
schematic of the REF62xx.
8.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com