Electronic Components Datasheet Search
  English  ▼

X  

REF6241 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # REF6241
Description  High-Precision Voltage Reference
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF6241 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF6241 Datasheet HTML 6Page - Texas Instruments REF6241 Datasheet HTML 7Page - Texas Instruments REF6241 Datasheet HTML 8Page - Texas Instruments REF6241 Datasheet HTML 9Page - Texas Instruments REF6241 Datasheet HTML 10Page - Texas Instruments REF6241 Datasheet HTML 11Page - Texas Instruments REF6241 Datasheet HTML 12Page - Texas Instruments REF6241 Datasheet HTML 13Page - Texas Instruments REF6241 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
±200
±180
±160
±140
±120
±100
±80
±60
±40
±20
0
0
100
200
300
400
500
Frequency (kHz)
C037
±200
±180
±160
±140
±120
±100
±80
±60
±40
±20
0
0
100
200
300
400
500
Frequency (kHz)
C038
0.001
0.01
0.1
1
10
100
100
1 k
10 k
100 k
1 M
Frequency (Hz)
C063
REF20xx (C
L = 10 µF)
REF62xx (C
L = 10 µF)
±200
±180
±160
±140
±120
±100
±80
±60
±40
±20
0
0
100
200
300
400
500
Frequency (kHz)
C024
0
10
20
30
40
50
60
70
-40
-35
-30
-25
-20
-15
-10
-5
0
5
Thermal hysteresis - Cycle 1 (ppm)
C028
0
10
20
30
40
50
-10
-8
-6
-4
-2
0
2
4
6
8
10
Thermal hysteresis - Cycle 2 (ppm)
C027
10
REF6225, REF6230, REF6233, REF6241, REF6245, REF6250
SBOS748 – SEPTEMBER 2016
www.ti.com
Product Folder Links: REF6225 REF6230 REF6233 REF6241 REF6245 REF6250
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, IL = 0 mA, and VIN = 5 V, using REF6225 (unless otherwise noted)
Figure 19. Thermal Hysteresis Distribution (Cycle 1)
Figure 20. Thermal Hysteresis Distribution (Cycle 2)
Figure 21. Output Impedance Comparison
REF6250 driving REF pin of ADS8881,
fIN = 1 kHz, SNR = 100.5 dB, THD = –125.9 dB
Figure 22. Typical FFT Plot
REF6250 driving REF pin of ADS8881,
fIN = 2 kHz, SNR = 100.4 dB, THD = –123.9 dB
Figure 23. Typical FFT Plot
REF6250 driving REF pin of ADS8881,
fIN = 10 kHz, SNR = 99.2 dB, THD = –119.4 dB
Figure 24. Typical FFT Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com