Electronic Components Datasheet Search
  English  ▼

X  

UCD3138 Datasheet(PDF) 39 Page - Texas Instruments

Part # UCD3138
Description  Highly Integrated Digital Controller for Isolated Power
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138 Datasheet(HTML) 39 Page - Texas Instruments

Back Button UCD3138_16 Datasheet HTML 35Page - Texas Instruments UCD3138_16 Datasheet HTML 36Page - Texas Instruments UCD3138_16 Datasheet HTML 37Page - Texas Instruments UCD3138_16 Datasheet HTML 38Page - Texas Instruments UCD3138_16 Datasheet HTML 39Page - Texas Instruments UCD3138_16 Datasheet HTML 40Page - Texas Instruments UCD3138_16 Datasheet HTML 41Page - Texas Instruments UCD3138_16 Datasheet HTML 42Page - Texas Instruments UCD3138_16 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
FAULT - CBC
FAULT - AB
FAULT -A
DCOMP – 4X
EXT GPIO– 4X
ACOMP – 7X
FAULT -B
FAULT MODULE
FAULT MODULE
FAULT MODULE
CYCLE BY CYCLE
AB FLAG
AB FLAG
A FLAG
B FLAG
FAULT MUX
ALL_FAULT_EN
DPWM _EN
DPWM
CBC_FAULT_EN
CBC_PWM _AB_EN
FAULT MODULE
ANALOG PCM
Bit 20 in DPWMCTRL0
Bit30 in DPWMFLTCTRL
Bit 31 in DPWMFLTCTRL
Bit 0 in DPWMCTRL0
DISABLE PWM A AND B
DISABLE PWM A AND B
DISABLE PWM A ONLY
DISABLE PWM B ONLY
39
UCD3138
www.ti.com
SLUSAP2G – MARCH 2012 – REVISED SEPTEMBER 2016
Submit Documentation Feedback
Product Folder Links: UCD3138
Detailed Description
Copyright © 2012–2016, Texas Instruments Incorporated
The Fault Mux Module provides a multitude of fault protection functions within the UCD3138 high-speed
loop (front end control, filter, DPWM and loop Mux modules). The Fault Mux Module allows highly
configurable fault generation based on digital comparators, high-speed analog comparators and external
fault pins. Each of the fault inputs to the DPWM modules can be configured to one or any combination of
the fault events provided in the Fault Mux Module.
Each one of the DPWM engines has four fault modules. The modules are called CBC fault module, AB
fault module, A fault module and B fault module.
The internal circuitry in all the four fault modules is identical, and the difference between the modules is
limited to the way the modules are attached to the DPWMs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com