Electronic Components Datasheet Search
  English  ▼

X  

TPS71H48 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS71H48
Description  LOW-DROPOUT VOLTAGE REGULATORS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71H48 Datasheet(HTML) 2 Page - Texas Instruments

  TPS71H48 Datasheet HTML 1Page - Texas Instruments TPS71H48 Datasheet HTML 2Page - Texas Instruments TPS71H48 Datasheet HTML 3Page - Texas Instruments TPS71H48 Datasheet HTML 4Page - Texas Instruments TPS71H48 Datasheet HTML 5Page - Texas Instruments TPS71H48 Datasheet HTML 6Page - Texas Instruments TPS71H48 Datasheet HTML 7Page - Texas Instruments TPS71H48 Datasheet HTML 8Page - Texas Instruments TPS71H48 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
TPS71H01Q, TPS71H33Q, TPS71H48Q, TPS71H50Q
LOW DROPOUT VOLTAGE REGULATORS
SLVS152B − NOVEMBER 1996 − REVISED AUGUST 2002
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
0.1
0.05
0
0
0.05 0.1 0.15 0.2 0.25 0.3
0.15
0.2
0.25
0.35 0.4 0.45 0.5
IO − Output Current − A
TA = 25°C
TPS71H48
TPS71H50
TPS71H33
Figure 1. Dropout Voltage Versus Output Current
Power good (PG) reports low output voltage and can be used to implement a power-on reset or a low-battery
indicator.
The TPS71Hxx is offered in 3.3-V, 4.85-V, and 5-V fixed-voltage versions and in an adjustable version
(programmable over the range of 1.2 V to 9.75 V). Output voltage tolerance is specified as a maximum of 2%
over line, load, and temperature ranges (3% for adjustable version). The TPS71Hxx family is available in a
TSSOP (20-pin) thermally enhanced surface-mount power package. The package has an innovative thermal
pad that, when soldered to the printed-wiring board (PWB), enables the device to dissipate several watts of
power (see Thermal Information section). Maximum height of the package is 1.2 mm.
AVAILABLE OPTIONS
TJ
OUTPUT VOLTAGE
(V)
TSSOP
(PWP)
TJ
MIN
TYP
MAX
(PWP)
4.9
5
5.1
TPS71H50QPWPLE
4.75
4.85
4.95
TPS71H48QPWPLE
−55
°C to 150°C
3.23
3.3
3.37
TPS71H33QPWPLE
−55 C to 150 C
Adjustable†
1.2 V to 9.75 V
TPS71H01QPWPLE
† The PWP package is only available left-end taped and reeled, as indicated
by the LE suffix on the device type. The TPS71H01Q is programmable using
an external resistor divider (see application information).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com