Electronic Components Datasheet Search
  English  ▼

X  

TPS709 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS709
Description  150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS709 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS709 Datasheet HTML 9Page - Texas Instruments TPS709 Datasheet HTML 10Page - Texas Instruments TPS709 Datasheet HTML 11Page - Texas Instruments TPS709 Datasheet HTML 12Page - Texas Instruments TPS709 Datasheet HTML 13Page - Texas Instruments TPS709 Datasheet HTML 14Page - Texas Instruments TPS709 Datasheet HTML 15Page - Texas Instruments TPS709 Datasheet HTML 16Page - Texas Instruments TPS709 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Thermal
Shutdown
Current
Limit
Bandgap
IN
EN
OUT
Logic
GND
Device
TPS709
www.ti.com
SBVS186G – MARCH 2012 – REVISED NOVEMBER 2015
7 Detailed Description
7.1 Overview
The TPS709 series of devices are ultralow quiescent current, low-dropout (LDO) linear regulators. The TPS709
offers reverse current protection to block any discharge current from the output into the input. The TPS709 also
features current limit and thermal shutdown for reliable operation.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Internal Current Limit
The TPS709 internal current limit helps protect the regulator during fault conditions. During current limit, the
output sources a fixed amount of current that is largely independent of output voltage. In such a case, the output
voltage is not regulated, and can be measured as (VOUT = ILIMIT × RLOAD). The PMOS pass transistor dissipates
[(VIN – VOUT) × ILIMIT] until a thermal shutdown is triggered and the device turns off. When cool, the device is
turned on by the internal thermal shutdown circuit. If the fault condition continues, the device cycles between
current limit and thermal shutdown; see the Thermal Protection section for more details.
The TPS709 is characterized over the recommended operating output current range up to 150 mA. The internal
current limit begins to limit the output current at a minimum of 200 mA of output current. The TPS709 continues
to operate for output currents between 150 mA and 200 mA but some data sheet parameters may not be met.
7.3.2 Dropout Voltage
The TPS709 use a PMOS pass transistor to achieve low dropout voltage. When (VIN – VOUT) is less than the
dropout voltage (VDO), the PMOS pass device is in the linear region of operation and the input-to-output
resistance is the RDS(ON) of the PMOS pass element. VDO approximately scales with the output current because
the PMOS device functions like a resistor in dropout.
The ground pin current of many linear voltage regulators increases substantially when the device is operated in
dropout. This increase in ground pin current while operating in dropout can be several orders of magnitude larger
than when the device is not in dropout. The TPS709 employs a special control loop that limits the increase in
ground pin current while operating in dropout. This functionality allows for the most efficient operation while in
dropout conditions that can greatly increase battery run times.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com