Electronic Components Datasheet Search
  English  ▼

X  

DAC7573IPWR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7573IPWR
Description  QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7573IPWR Datasheet(HTML) 26 Page - Texas Instruments

Back Button DAC7573IPWR Datasheet HTML 22Page - Texas Instruments DAC7573IPWR Datasheet HTML 23Page - Texas Instruments DAC7573IPWR Datasheet HTML 24Page - Texas Instruments DAC7573IPWR Datasheet HTML 25Page - Texas Instruments DAC7573IPWR Datasheet HTML 26Page - Texas Instruments DAC7573IPWR Datasheet HTML 27Page - Texas Instruments DAC7573IPWR Datasheet HTML 28Page - Texas Instruments DAC7573IPWR Datasheet HTML 29Page - Texas Instruments DAC7573IPWR Datasheet HTML 30Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
www.ti.com
8
6
4
9
5
7
1
2
3
12
14
11
10
13
16
15
DAC7573
VOUTA
VOUTB
VREFH
VDD
VREFL
GND
VOUTC
VOUTD
A3
A2
A1
A0
IOVDD
SDA
SCL
LDAC
SDA
SCL
I2C Pullup Resistors
1 k
Ω to 10 kΩ (typical)
IOVDD
Microcontroller or
Microprocessor With
I2C Port
NOTE: DAC7573 power and input/output connections are omitted for clarity, except I2C Inputs.
DAC7573
SLAS398 – SEPTEMBER 2003
APPLICATION INFORMATION
The following sections give example circuits and tips for using the DAC7573 in various applications. For more
information, contact your local TI representative, or visit the Texas Instruments website at http://www.ti.com.
BASIC CONNNECTIONS
For many applications, connecting the DAC7573 is extremely simple. A basic connection diagram for the
DAC7573 is shown in Figure 40. The 0.1 µF bypass capacitors provide the momentary bursts of extra current
needed from the supplies.
Figure 40. Typical DAC7573 Connections
The DAC7573 interfaces directly to standard mode, fast mode and high-speed mode I2C controllers. Any
microcontroller’s I2C peripheral, including master-only and non-multiple-master I2C peripherals, work with the
DAC7573. The DAC7573 does not perform clock-stretching (i.e., it never pulls the clock line low), so it is not
necessary to provide for this unless other devices are on the same I2C bus.
Pullup resistors are necessary on both the SDA and SCL lines because I2C bus drivers are open-drain. The size
of the these resistors depend on the bus operating speed and capacitance on the bus lines. Higher-value
resistors consume less power, but increase the transition times on the bus, limiting the bus speed. Lower-value
resistors allow higher speed at the expense of higher power consumption. Long bus lines have higher
capacitance and require smaller pullup resistors to compensate. If the pullup resistors are too small the bus
drivers may not be able to pull the bus line low.
USING GPIO PORTS FOR I2C
Most microcontrollers have programmable input/output pins that can be set in software to act as inputs or
outputs. If an I2C controller is not available, the DAC7573 can be connected to GPIO pins, and the I2C bus
protocol simulated, or bit-banged, in software. An example of this for a single DAC7573 is shown in Figure 41.
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com