Electronic Components Datasheet Search
  English  ▼

X  

DF1706 Datasheet(PDF) 9 Page - Texas Instruments

Part # DF1706
Description  Stereo, 24-Bit, 192kHz 8x Oversampling Digital Interpolation Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DF1706 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DF1706 Datasheet HTML 5Page - Texas Instruments DF1706 Datasheet HTML 6Page - Texas Instruments DF1706 Datasheet HTML 7Page - Texas Instruments DF1706 Datasheet HTML 8Page - Texas Instruments DF1706 Datasheet HTML 9Page - Texas Instruments DF1706 Datasheet HTML 10Page - Texas Instruments DF1706 Datasheet HTML 11Page - Texas Instruments DF1706 Datasheet HTML 12Page - Texas Instruments DF1706 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DF1706
9
SBAS182
MODE CONTROL
The DF1706 may be configured using either software or
hardware control. The selection is made using the MODE
input (pin 10). See Table II for MODE selection.
TABLE II. MODE Selection.
MODE SETTING
MODE CONTROL SELECTION
MODE = H
Software Mode
MODE = L
Hardware Mode
(Cont.) FIGURE 6. Audio Output Data Format.
14
15
16
1
2
1/4f
S
MSB
LSB
WCKO
BCKO
AUDIO DATA WORD = 16-BIT
DOR
DOL
15
16
18
19
22
23
20
1
2
MSB
LSB
AUDIO DATA WORD = 20-BIT
DOR
DOL
19
20
24
1
2
MSB
LSB
AUDIO DATA WORD = 24-BIT
DOR
DOL
23
24
16
17
18
1
2
MSB
LSB
AUDIO DATA WORD = 18-BIT
DOR
DOL
17
18
(a) SYSTEM CLOCK: 128fS
14
15
16
1
2
1/4f
S
MSB
LSB
WCKO
BCKO
AUDIO DATA WORD = 16-BIT
DOR
DOL
MSB
15
16
18
19
22
23
20
1
2
MSB
LSB
AUDIO DATA WORD = 20-BIT
DOR
DOL
19
20
24
1
2
MSB
LSB
AUDIO DATA WORD = 24-BIT
DOR
DOL
23
24
1
2
16
17
18
1
2
LSB
AUDIO DATA WORD = 18-BIT
DOR
DOL
17
18
(b) SYSTEM CLOCK: 192fS
t
BCKH
0.5V
DD
0.5V
DD
NOTE: (1) Rising and falling time is measured from 10% to 90% of IN/OUT signal swing.
(2) Load capacitance of all signals are 20pF.
BCKO
DOL, R
t
BCKL
t
CKWK
t
WCKP
t
BCKP
t
CKDO
0.5V
DD
WCKO
BCKO Period
BCKO Pulse Width HIGH/LOW (f
S = 192kHz, 192fS)
(f
S = 192kHz, 128fS)
(other f
S, 256/384/512/768fS)
Delay Time BCKO Falling Edge to WCKO Valid
WCKO Period
Delay Time BCKO Falling Edge to DOL, R Valid
Rising Time of All Signals
Falling Time of All Signals
t
BCKP
t
BCKH/tBCKL
t
CKWK
t
WCKP
t
CKDO
t
R
t
F
MIN
SYMBOL
PARAMETERS
TYP
10
14
20
–5
–5
7
7
20
30
100
5
5
1/4f
S, 1/8fS
ns
ns
ns
ns
ns
ns
ns
MAX
UNITS
1/96f
S, 1/128fS, 1/192fS, 1/256fS,
FIGURE 7. Audio Data Output Timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com