Electronic Components Datasheet Search
  English  ▼

X  

DM336P Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # DM336P
Description  V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM336P Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button DM336P Datasheet HTML 27Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 28Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 29Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 30Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 31Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 32Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 33Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 34Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
Final
31
Version: DM336P-DS-F02
August 15, 2000
DM6380 Pin Description
Pin No.
Pin Name
I/O
Description
1
RXDCLK
O
Receive Data Clock
2
VDD
P
Digital Power
3
RXSCLK
O
Receive Sample Clock
4
RFS
I
Receive Frame Synchronization
5
DOR
O
Data Output For Receiver
6
DIR
I
Data Input For Receiver
7
DGND
P
Digital Ground
8
SCLK
O
Serial Clock Synchronized With All Serial Data
9
DOT
O
Data Output For Transmitter
10
DIT
I
Data Input For Transmitter
11
TFS
I
Transmit Frame Synchronization
12
TXSCLK*2
O
Transmit Sample Clock * 2
13
TXDCLK
O
Transmit Data Clock
14
CLKIN
I
Master Clock Input (20.16MHz = 40.32MHz / 2 )
15
/RESET
I
Codec Reset Input
16
EXTCLK
I
External Transmit Data Clock
17
Vr
O
Internal Reference Voltage. Connect 0.1uF to DGND
18
AVDDT
I
Analog VDD For The Transmitter Analog Circuitry (+5VDC)
19
TXA2
O
Transmit Negative Analog Output
20
TXA1
O
Transmit Positive Analog Output
21
AGNDR
P
Analog Receiver Circuitry Signal Return Path
22
VREFN
O
Negative Reference Voltage, VCM - 1V
23
VCM
O
Common Mode Voltage Output, 2.5V
24
VREFP
O
Positive Reference Voltage, VCM + 1V
25
AGNDT
P
Analog Transmitter Circuitry Signal Return Path
26
RXIN
I
Receive Analog Input
27
AVDDR
I
Analog VDD For The Receiver Analog Circuitry (+5VDC)
28
SPKR
O
Speaker Driver
DM6380 Functional Description
In this chip, we could roughly divide it into two major
parts : digital portion and analog portion. The
functional blocks are described separately in this
section. The analog circuits include a sigma-delta
modulator/demodulator, decimation/interpolation
filters, a speaker driver, low-pass filter and certain
logic circuits. The digital circuits is composed of Tx/Rx
clock generator/PLL, serial port, serial/parallel
conversions and control registers. All the clock
information the analog circuits need should be
provided by the digital clock system since the best
sampling instant of A/D and D/A depends on the
received signal and transmit signals. The data format
of A/D and D/A is 2's complement.
Master clock (FQ) is obtained from an external signal
connected to CLKIN. The different transmit and
receive clocks are obtained by master clock
frequency division in several programmable counters.
The Tx and Rx clocks can be synchronized on
external signals by performing the phase shifts in the
frequency division process. Two independent digital
phase locked loops are implemented using this
principle, one for transmit clock system, the other,
receive clock. The tracking of the transmit clock is
automatically done by the transmit DPLL circuit. The
receive DPLL circuit is controlled by the host
processor and it is actually an adjustable phase
shifter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com