Electronic Components Datasheet Search
  English  ▼

X  

TPS7201Q Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS7201Q
Description  MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7201Q Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS7201Q Datasheet HTML 9Page - Texas Instruments TPS7201Q Datasheet HTML 10Page - Texas Instruments TPS7201Q Datasheet HTML 11Page - Texas Instruments TPS7201Q Datasheet HTML 12Page - Texas Instruments TPS7201Q Datasheet HTML 13Page - Texas Instruments TPS7201Q Datasheet HTML 14Page - Texas Instruments TPS7201Q Datasheet HTML 15Page - Texas Instruments TPS7201Q Datasheet HTML 16Page - Texas Instruments TPS7201Q Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
TPS7201Q, TPS7225Q, TPS7230Q
TPS7233Q, TPS7248Q, TPS7250Q, TPS72xxY
MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
SLVS102G – MARCH 1995 – REVISED JUNE 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, IO = 10 mA, EN = 0 V, CO = 4.7 µF (CSR† = 1 Ω), TJ = 25°C, SENSE/FB
shorted to OUT (unless otherwise noted)
PARAMETER
TEST CONDITIONS‡
TPS72xxY
UNIT
PARAMETER
TEST CONDITIONS‡
MIN
TYP
MAX
UNIT
Ground current (active mode)
EN
≤ 0.5 V,
0 mA
≤ IO ≤ 250 mA
VI = VO + 1 V,
180
µA
Output current limit threshold
VO = 0 V,
VI = 10 V
0.6
A
Thermal shutdown junction temperature
165
°C
EN hysteresis voltage
50
mV
Minimum VI for active pass element
1.9
V
Minimum VI for valid PG
IPG = 300 µA
1.1
V
electrical characteristics, IO = 10 mA, EN = 0 V, CO = 4.7 µF (CSR† = 1 Ω), TJ = 25°C, FB shorted to
OUT at device leads (unless otherwise noted)
PARAMETER
TEST CONDITIONS‡
TPS7201Y
UNIT
PARAMETER
TEST CONDITIONS‡
MIN
TYP
MAX
UNIT
Reference voltage (measured at FB with OUT
connected to FB)
VI = 3.5 V,
IO = 10 mA
1.188
V
VI = 2.4 V,§
50
µA ≤ IO ≤ 100 mA
2.1
VI = 2.4 V,§
100 mA
≤ IO ≤ 200 mA
2.9
Pass-element series resistance (see Note 3)
VI = 2.9 V,
50
µA ≤ IO ≤ 250 mA
1.6
Ω
VI = 3.9 V,
50
µA ≤ IO ≤ 250 mA
1
VI = 5.9 V,
50
µA ≤ IO ≤ 250 mA
0.8
Output regulation
3 V
≤ VI ≤ 10 V,
See Note 2
IO = 5 mA to 250 mA,
15
mV
Output regulation
3 V
≤ VI ≤ 10 V,
See Note 2
IO = 50 µA to 250 mA,
17
mV
VI =3 5V
IO = 50 µA
60
Ripple rejection
VI = 3.5 V,
f = 120 Hz
IO = 250 mA,
See Note 2
50
dB
Output noise spectral density
VI = 3.5 V,
f = 120 Hz
2
µV/√Hz
VI = 3.5 V,
CO = 4.7 µF
235
Output noise voltage
VI = 3.5 V,
10 Hz
≤ f ≤ 100 kHz,
†
CO = 10 µF
190
µVrms
CSR† = 1
Ω
CO = 100 µF
125
PG hysteresis voltage¶
VI = 3.5 V,
Measured at VFB
12
mV
PG output low voltage¶
VI = 2.13 V,
IPG = 400 µA
0.1
V
FB input current
VI = 3.5 V
0.1
nA
† CSR refers to the total series resistance, including the ESR of the capacitor, any series resistance added externally, and PWB trace resistance
to CO.
‡ Pulse-testing techniques are used to maintain virtual junction temperature as close as possible to ambient temperature; thermal effects must
be taken into account separately.
§ This voltage is not recommended.
¶ Output voltage programmed to 2.5 V with closed-loop configuration (see application information).
NOTES:
2 When VI < 2.9 V and IO > 100 mA simultaneously, pass element rDS(on) increases (see Figure 10) to a point such that the resulting
dropout voltage prevents the regulator from maintaining the specified tolerance range.
3 To calculate dropout voltage, use equation:
VDO = IO ⋅ rDS(on)
rDS(on) is a function of both output current and input voltage. The parametric table lists rDS(on) for VI = 2.4 V, 2.9 V, 3.9 V, and
5.9 V, which corresponds to dropout conditions for programmed output voltages of 2.5 V, 3 V, 4 V, and 6 V, respectively. For other
programmed values, refer to Figures 10 and 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com