Electronic Components Datasheet Search
  English  ▼

X  

DM6382F Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # DM6382F
Description  V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM6382F Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button DM6382F Datasheet HTML 12Page - List of Unclassifed Manufacturers DM6382F Datasheet HTML 13Page - List of Unclassifed Manufacturers DM6382F Datasheet HTML 14Page - List of Unclassifed Manufacturers DM6382F Datasheet HTML 15Page - List of Unclassifed Manufacturers DM6382F Datasheet HTML 16Page - List of Unclassifed Manufacturers DM6382F Datasheet HTML 17Page - List of Unclassifed Manufacturers DM6382F Datasheet HTML 18Page - List of Unclassifed Manufacturers DM6382F Datasheet HTML 19Page - List of Unclassifed Manufacturers DM6382F Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
16
Final
Version: DM336P-DS-F02
August 15, 2000
d. DM6383 Configuration Modes
The DM6383A is power-on in jumpless mode. The
default configuration is set by loading the default
value stored in 93C46 to Auto-configuration register.
These values can be modified by software via the
logical device configuration registers in DM Jumpless
mode. This update value of new configuration is only
valid temporarily and will be lost after an active PC
Hardware Reset. Permanent changes of default
configuration will be done by informing micro-
controller to modify the content of 93C46 via Auto-
configuration Register.
The Plug and Play logic can operate through two
configuration modes: One is DM Jumpless mode, the
other, PnP mode. There are two operating methods
between the two modes: First, setting hard
configuration through Initiation Key sequences,
second, setting hard configuration according to the
register that is used, I/O Configuration Register or
Auto-configuration Register.
(1) The Initiation Key for Plug and Play
The Plug and Play logical is in sequence on powering
up and must be enabled by softwares. This is
achieved by a predefined series of writes (32 I/O
writes) to the Address port, which is called the
Initiation Key. The proper series of the I/O writes is
detected, then the Plug and Play read/write data ports
are enabled. The Write sequence will be reset and
must be issued from the beginning if any data
mismatch occurs. The exact sequence for Initiation
Key is listed below in hexadecimal notion.
(2) PnP Initiation Key
6A, B5, DA, ED, F6, FB, 7D, BE, DF, 6F, 37, 1B, 0D,
86, C3, 61, B0, 58, 2C, 16, 8B, 45, A2, D1, E8, 74,
3A, 9D, CE, E7, 73, 39
(3) DM Initiation Key
68, 34, 1A, 8D, CB, E3, 71, B8, 5C, 2E, 97, 4B, 25,
92, C9, E4, 72, B9, DC, 6E, B7, 5B, 2D, 96, CB, 65,
B2, D9, EC, 76, BB, 5D
(4) Isolation Protocol
A simple algorithm is used to isolate each Plug and
Play card. This algorithm uses the signals on the ISA
bus and requires lock-step operation between the
Plug and Play hardware and the isolation software.
STATE
ISOLATION
ID BIT = "1H"
SD[1:0] = "01"
LEAVE SD[7:0]
IN HIGH-IMPEDANCE
NO
GET ONE BIT FROM SERIAL IDENTIFIER
READ FROM SERIAL ISOLATION REGISTER
YES
WAIT FOR NEXT READ FROM SERIAL ISOLATION REGISTER
SD[1:0] = "10"
STATE
SLEEP
YES
ID = 0
OTHER CARD ID = 1
READ ALL 72 BITS
FROM SERIAL
IDENTIFIER
DRIVE
"AAH" ON
SD[7:0]
AFTER I/O READ COMPLETES
FETCH NEXT ID BIT FROM
SERIAL IDENTIFIER
ONE CARD
ISOLATED
NO
YES
NO
YES
LEAVE SD[7:0]
IN HIGH IMPEDANCE
NO
DRIVE "55H" ON SD[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com