Electronic Components Datasheet Search
  English  ▼

X  

DS1086Z Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS1086Z
Description  DS1086 Spread-Spectrum EconOscillator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1086Z Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS1086Z Datasheet HTML 6Page - Dallas Semiconductor DS1086Z Datasheet HTML 7Page - Dallas Semiconductor DS1086Z Datasheet HTML 8Page - Dallas Semiconductor DS1086Z Datasheet HTML 9Page - Dallas Semiconductor DS1086Z Datasheet HTML 10Page - Dallas Semiconductor DS1086Z Datasheet HTML 11Page - Dallas Semiconductor DS1086Z Datasheet HTML 12Page - Dallas Semiconductor DS1086Z Datasheet HTML 13Page - Dallas Semiconductor DS1086Z Datasheet HTML 14Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
DS1086 Spread-Spectrum EconOscillator
10
____________________________________________________________________
ADDR Register
The A0, A1, A2 bits determine the 2-wire slave address.
The WC bit determines if the EEPROM is to be written
to after register contents have been changed. If
WC = 0 (default), EEPROM is written automatically after
a WRITE EE command. If WC = 1, the EEPROM is only
written when the WRITE EE command is issued. In
applications where the register contents are frequently
written, the WC bit should be set to 1. Otherwise, it is
necessary to wait for an EEPROM write cycle to com-
plete between writing to the registers. This also pre-
vents wearing out the EEPROM. Regardless of the
value of the WC bit, the value of the ADDR register is
always written immediately to EEPROM. When the
WRITE EE command has been received, the contents
of the registers are written into the EEPROM, thus lock-
ing in the register settings.
RANGE Register
This read-only register contains a copy of the factory-
set offset (OS). This value can be read to determine the
default value of the OFFSET register when program-
ming a new master oscillator frequency.
WRITE EE Command
This command is used to write data from RAM to
EEPROM when the WC bit in ADDR register is 1. See
the ADDR Register section for more details.
Example Frequency Calculations
Example #1: Calculate the register values needed to
generate a desired output frequency of 11.0592MHz.
Since the desired frequency is not within the valid mas-
ter oscillator range of 66MHz to 133MHz, the prescaler
must be used. Valid prescaler values are 2x where x
equals 0 to 8 (and x is the value that is programmed
into the P3 to P0 bits of the PRESCALER register).
Equation 1 shows the relationship between the desired
frequency, the master oscillator frequency, and the
prescaler.
By trial and error, x is incremented from 0 to 8 in
Equation 2, finding values of x that yield master oscilla-
tor frequencies within the range of 66MHz to 133MHz.
Equation 2 shows that a prescaler of 8 (x = 3) and a
master oscillator frequency of 88.4736MHz generates
our desired frequency. In terms of the device register, x
= 3 is programmed in the lower four bits of the
PRESCALER register. Writing 03h to the PRESCALER
register sets the PRESCALER to 8 (and 4% peak
dither). Be aware that the J0 bit also resides in the
PRESCALER register.
fMASTER OSCILLATOR = fDESIRED x prescaler = fDESIRED x 2X
fMASTER OSCILLATOR = 11.0592MHz x 23 = 88.4736MHz
Once the target master oscillator frequency has been
calculated, the value of offset can be determined.
Using Table 2, 88.4736MHz falls within both OS - 1 and
OS - 2. However, choosing OS - 1 would be a poor
choice since 88.4736MHz is so close to OS - 1’s mini-
mum frequency. On the other hand, OS - 2 is ideal
since 88.4736MHz is very close to the center of
OS - 2’s frequency span. Before the OFFSET register
can be programmed, the default value of offset (OS)
f
f
prescaler
f
DESIRED
MASTER OSCILLATOR
MASTER OSCILLATOR
X
=
=
2
(2)
(3)
STOP
CONDITION
OR REPEATED
START
CONDITION
REPEATED IF MORE BYTES
ARE TRANSFERRED
ACK
START
CONDITION
ACK
ACKNOWLEDGEMENT
SIGNAL FROM RECEIVER
ACKNOWLEDGEMENT
SIGNAL FROM RECEIVER
SLAVE ADDRESS
MSB
SCL
SDA
R/W
DIRECTION
BIT
12
6
7
8
9
12
8
9
3–7
Figure 4. 2-Wire Data Transfer Protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com