Electronic Components Datasheet Search
  English  ▼

X  

TMS320LF2407APGS Datasheet(PDF) 53 Page - Texas Instruments

Part # TMS320LF2407APGS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LF2407APGS Datasheet(HTML) 53 Page - Texas Instruments

Back Button TMS320LF2407APGS Datasheet HTML 49Page - Texas Instruments TMS320LF2407APGS Datasheet HTML 50Page - Texas Instruments TMS320LF2407APGS Datasheet HTML 51Page - Texas Instruments TMS320LF2407APGS Datasheet HTML 52Page - Texas Instruments TMS320LF2407APGS Datasheet HTML 53Page - Texas Instruments TMS320LF2407APGS Datasheet HTML 54Page - Texas Instruments TMS320LF2407APGS Datasheet HTML 55Page - Texas Instruments TMS320LF2407APGS Datasheet HTML 56Page - Texas Instruments TMS320LF2407APGS Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
53
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
serial communications interface (SCI) module
The 240xA devices include a serial communications interface (SCI) module. The SCI module supports digital
communications between the CPU and other asynchronous peripherals that use the standard
non-return-to-zero (NRZ) format. The SCI receiver and transmitter are double-buffered, and each has its own
separate enable and interrupt bits. Both can be operated independently or simultaneously in the full-duplex
mode. To ensure data integrity, the SCI checks received data for break detection, parity, overrun, and framing
errors. The bit rate is programmable to over 65000 different speeds through a 16-bit baud-select register.
Features of the SCI module include:
D Two external pins:
−
SCITXD: SCI transmit-output pin
−
SCIRXD: SCI receive-input pin
NOTE: Both pins can be used as GPIO if not used for SCI.
D Baud rate programmable to 64K different rates
−
Up to 2500 Kbps at 40-MHz CPUCLK
D Data-word format
−
One start bit
−
Data-word length programmable from one to eight bits
−
Optional even/odd/no parity bit
−
One or two stop bits
D Four error-detection flags: parity, overrun, framing, and break detection
D Two wake-up multiprocessor modes: idle-line and address bit
D Half- or full-duplex operation
D Double-buffered receive and transmit functions
D Transmitter and receiver operations can be accomplished through interrupt-driven or polled algorithms with
status flags.
−
Transmitter: TXRDY flag (transmitter-buffer register is ready to receive another character) and
TX EMPTY flag (transmitter-shift register is empty)
−
Receiver: RXRDY flag (receiver-buffer register is ready to receive another character), BRKDT flag
(break condition occurred), and RX ERROR flag (monitoring four interrupt conditions)
D Separate enable bits for transmitter and receiver interrupts (except BRKDT)
D NRZ (non-return-to-zero) format
D Ten SCI module control registers located in the control register frame beginning at address 7050h
NOTE: All registers in this module are 8-bit registers that are connected to the 16-bit peripheral bus. When a register is accessed, the
register data is in the lower byte (7 −0), and the upper byte (15 −8) is read as zeros. Writing to the upper byte has no effect.
Figure 14 shows the SCI module block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com