Electronic Components Datasheet Search
  English  ▼

X  

TMS320LC2406APGS Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS320LC2406APGS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC2406APGS Datasheet(HTML) 1 Page - Texas Instruments

  TMS320LC2406APGS Datasheet HTML 1Page - Texas Instruments TMS320LC2406APGS Datasheet HTML 2Page - Texas Instruments TMS320LC2406APGS Datasheet HTML 3Page - Texas Instruments TMS320LC2406APGS Datasheet HTML 4Page - Texas Instruments TMS320LC2406APGS Datasheet HTML 5Page - Texas Instruments TMS320LC2406APGS Datasheet HTML 6Page - Texas Instruments TMS320LC2406APGS Datasheet HTML 7Page - Texas Instruments TMS320LC2406APGS Datasheet HTML 8Page - Texas Instruments TMS320LC2406APGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
1
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
D High-Performance Static CMOS Technology
− 25-ns Instruction Cycle Time (40 MHz)
− 40-MIPS Performance
− Low-Power 3.3-V Design
D Based on TMS320C2xx DSP CPU Core
− Code-Compatible With F243/F241/C242
− Instruction Set and Module Compatible
With F240
D Flash (LF) and ROM (LC) Device Options
− LF240xA: LF2407A, LF2406A,
LF2403A, LF2402A
− LC240xA: LC2406A, LC2404A,
LC2403A, LC2402A
D On-Chip Memory
− Up to 32K Words x 16 Bits of Flash
EEPROM (4 Sectors) or ROM
− Programmable “Code-Security” Feature
for the On-Chip Flash/ROM
− Up to 2.5K Words x 16 Bits of
Data/Program RAM
− 544 Words of Dual-Access RAM
− Up to 2K Words of Single-Access RAM
D Boot ROM (LF240xA Devices)
− SCI/SPI Bootloader
D Up to Two Event-Manager (EV) Modules
(EVA and EVB), Each Includes:
− Two 16-Bit General-Purpose Timers
− Eight 16-Bit Pulse-Width Modulation
(PWM) Channels Which Enable:
− Three-Phase Inverter Control
− Center- or Edge-Alignment of PWM
Channels
− Emergency PWM Channel Shutdown
With External PDPINTx Pin
− Programmable Deadband (Deadtime)
Prevents Shoot-Through Faults
− Three Capture Units for Time-Stamping
of External Events
− Input Qualifier for Select Pins
− On-Chip Position Encoder Interface
Circuitry
− Synchronized A-to-D Conversion
− Designed for AC Induction, BLDC,
Switched Reluctance, and Stepper Motor
Control
− Applicable for Multiple Motor and/or
Converter Control
D External Memory Interface (LF2407A)
− 192K Words x 16 Bits of Total Memory:
64K Program, 64K Data, 64K I/O
D Watchdog (WD) Timer Module
D 10-Bit Analog-to-Digital Converter (ADC)
− 8 or 16 Multiplexed Input Channels
− 500-ns MIN Conversion Time
− Selectable Twin 8-State Sequencers
Triggered by Two Event Managers
D Controller Area Network (CAN) 2.0B Module
(LF2407A, 2406A, 2403A)
D Serial Communications Interface (SCI)
D 16-Bit Serial Peripheral Interface (SPI)
(LF2407A, 2406A, LC2404A, 2403A)
D Phase-Locked-Loop (PLL)-Based Clock
Generation
D Up to 40 Individually Programmable,
Multiplexed General-Purpose Input/Output
(GPIO) Pins
D Up to Five External Interrupts (Power Drive
Protection, Reset, Two Maskable Interrupts)
D Power Management:
− Three Power-Down Modes
− Ability to Power Down Each Peripheral
Independently
D Real-Time JTAG-Compliant Scan-Based
Emulation, IEEE Standard 1149.1† (JTAG)
D Development Tools Include:
− Texas Instruments (TI) ANSI C Compiler,
Assembler/Linker, and Code Composer
Studio
 Debugger
− Evaluation Modules
− Scan-Based Self-Emulation (XDS510
)
− Broad Third-Party Digital Motor Control
Support
D Package Options
− 144-Pin LQFP PGE (LF2407A)
− 100-Pin LQFP PZ (2406A, LC2404A)
− 64-Pin TQFP PAG (LF2403A, LC2403A,
LC2402A)
− 64-Pin QFP PG (2402A)
D Extended Temperature Options (A and S)
− A: − 40
°C to 85°C
− S: − 40
°C to 125°C
Copyright
 2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Code Composer Studio and XDS510 are trademarks of Texas Instruments.
Other trademarks are the property of their respective owners.
† IEEE Standard 1149.1−1990, IEEE Standard Test-Access Port; however, boundary scan is not supported in this device family.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TMS320LC2406APGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LC2406APZA TI-TMS320LC2406APZA Datasheet
1Mb / 133P
DSP CONTROLLERS
TMS320LC2406APZA TI1-TMS320LC2406APZA Datasheet
1Mb / 134P
DSP CONTROLLERS
TMS320LC2406APZS TI-TMS320LC2406APZS Datasheet
1Mb / 133P
DSP CONTROLLERS
TMS320LC2406APZS TI1-TMS320LC2406APZS Datasheet
1Mb / 134P
DSP CONTROLLERS
More results

Similar Description - TMS320LC2406APGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LF2407 TI-TMS320LF2407 Datasheet
1Mb / 106P
DSP CONTROLLERS
TMS320LC2401A TI-TMS320LC2401A Datasheet
1Mb / 88P
DSP CONTROLLERS
TMS320LC2406A TI-TMS320LC2406A Datasheet
1Mb / 133P
DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407 Datasheet
1Mb / 106P
DSP CONTROLLERS
TMS320F243 TI-TMS320F243_07 Datasheet
1Mb / 121P
DSP CONTROLLERS
TMS320LF2401A TI-TMS320LF2401A_07 Datasheet
1Mb / 88P
DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407_08 Datasheet
1Mb / 116P
DSP CONTROLLERS
SM320LF2407-EP TI1-SM320LF2407-EP Datasheet
1Mb / 112P
DSP CONTROLLERS
TMS320F241 TI1-TMS320F241_13 Datasheet
1Mb / 122P
DSP CONTROLLERS
SM320LF2407A-EP TI1-SM320LF2407A-EP Datasheet
1Mb / 112P
DSP CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com