Electronic Components Datasheet Search
  English  ▼

X  

MSC8205S Datasheet(PDF) 1 Page - MORE Semiconductor Company Limited

Part # MSC8205S
Description  20V(D-S) Dual N-Channel Enhancement Mode Power MOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORESEMI [MORE Semiconductor Company Limited]
Direct Link  http://www.moresemi.com/
Logo MORESEMI - MORE Semiconductor Company Limited

MSC8205S Datasheet(HTML) 1 Page - MORE Semiconductor Company Limited

  MSC8205S Datasheet HTML 1Page - MORE Semiconductor Company Limited MSC8205S Datasheet HTML 2Page - MORE Semiconductor Company Limited MSC8205S Datasheet HTML 3Page - MORE Semiconductor Company Limited MSC8205S Datasheet HTML 4Page - MORE Semiconductor Company Limited MSC8205S Datasheet HTML 5Page - MORE Semiconductor Company Limited MSC8205S Datasheet HTML 6Page - MORE Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Features
● VDS = 20V,ID = 6A
RDS(ON) <37mΩ @ VGS=2.5V
RDS(ON) < 27mΩ @ VGS=4.5V
● High Power and current handing capability
● Lead free product is acquired
● Surface Mount Package
Application
● Battery protection
● Load switch
● Power management
G1
D2
G2
S2
D1
S1
Schematic diagram
SOT-23-6L top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
8205
MSC8205S
SOT-23-6L
Ø180mm
8mm
3000 units
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±10
V
Drain Current-Continuous
ID
6
A
Drain Current-Pulsed
(Note 1)
IDM
25
A
Maximum Power Dissipation
PD
1.25
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
Thermal Characteristic
Thermal Resistance,Junction-to-Ambient
(Note 2)
RθJA
100
/W
℃
MORE Semiconductor Company Limited
http://www.moresemi.com
1/6
MSC8205S
20V(D-S) Dual N-Channel Enhancement Mode Power MOS FET
Lead Free
PIN Configuration
Marking and pin assignment


Similar Part No. - MSC8205S

ManufacturerPart #DatasheetDescription
logo
MORE Semiconductor Comp...
MSC8205G MORESEMI-MSC8205G Datasheet
627Kb / 6P
20V(D-S) Dual N-Channel Enhancement Mode Power MOS FET
More results

Similar Description - MSC8205S

ManufacturerPart #DatasheetDescription
logo
MORE Semiconductor Comp...
MSC0205W MORESEMI-MSC0205W Datasheet
502Kb / 6P
20V(D-S) Dual N-Channel Enhancement Mode Power MOS FET
MSC0206SE MORESEMI-MSC0206SE Datasheet
383Kb / 6P
20V(D-S) Dual N-Channel Enhancement Mode Power MOS FET
MSC0206W MORESEMI-MSC0206W Datasheet
504Kb / 6P
20V(D-S) Dual N-Channel Enhancement Mode Power MOS FET
MSC0207GE MORESEMI-MSC0207GE Datasheet
395Kb / 6P
20V(D-S) Dual N-Channel Enhancement Mode Power MOS FET
MSC0207SE MORESEMI-MSC0207SE Datasheet
443Kb / 6P
20V(D-S) Dual N-Channel Enhancement Mode Power MOS FET
MSC0211GE MORESEMI-MSC0211GE Datasheet
402Kb / 6P
20V(D-S) Dual N-Channel Enhancement Mode Power MOS FET
MSC8205G MORESEMI-MSC8205G Datasheet
627Kb / 6P
20V(D-S) Dual N-Channel Enhancement Mode Power MOS FET
MSC9926W MORESEMI-MSC9926W Datasheet
652Kb / 6P
20V(D-S) Dual N-Channel Enhancement Mode Power MOS FET
MSN0212W MORESEMI-MSN0212W Datasheet
591Kb / 6P
20V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN2300 MORESEMI-MSN2300 Datasheet
355Kb / 6P
20V(D-S) N-Channel Enhancement Mode Power MOS FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com