Electronic Components Datasheet Search
  English  ▼

X  

DTV1500LFP Datasheet(PDF) 3 Page - STMicroelectronics

Part # DTV1500LFP
Description  (CRT HORIZONTAL DEFLECTION) HIGH VOLTAGE DAMPER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DTV1500LFP Datasheet(HTML) 3 Page - STMicroelectronics

  DTV1500LFP Datasheet HTML 1Page - STMicroelectronics DTV1500LFP Datasheet HTML 2Page - STMicroelectronics DTV1500LFP Datasheet HTML 3Page - STMicroelectronics DTV1500LFP Datasheet HTML 4Page - STMicroelectronics DTV1500LFP Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DTV1500LFP
3/5
01
2345
6
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Ip(A)
PF(av)(W)
Fig. 1: Power dissipation versus peak forward cur-
rent (triangular waveform,
δ = 0.45)
0
25
50
75
100
125
150
0
1
2
3
4
5
Tcase(°C)
IF(av)(A)
T
δ=tp/T
tp
Fig. 2: Average forward current versus ambient
temperature
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
1
2
3
4
5
6
7
8
9
10
VFM(V)
IFM(A)
Typical
Tj=125°C
Maximum
Tj=25°C
Maximum
Tj=125°C
Fig. 3: Forward voltage drop versus forward
curent
1E-3
1E-2
1E-1
1E+0
0
5
10
15
20
25
30
35
40
t(s)
IM(A)
Tc=25°C
Tc=100°C
Tc=75°C
IM
t
δ=0.5
Fig. 4: Non repetitive surge peak forward current
versus overload duration
0.1
0.2
0.5
1.0
2.0
5.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
dIF/dt(A/µs)
Qrr(µC)
IF=IF(av)
90% confidence
Tj=125°C
Fig. 5: Reverse recovery charges versus dIF/dt
0.1
0.2
0.5
1.0
2.0
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
dIF/dt(A/µs)
IRM(A)
IF=IF(av)
90% confidence
Tj=125°C
Fig. 6: Reverse recovery current versus dIF/dt



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com