Electronic Components Datasheet Search
  English  ▼

X  

CF-CA Datasheet(PDF) 2 Page - Copal Electronics

Part # CF-CA
Description  Right Angle Tactile Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CF-CA Datasheet(HTML) 2 Page - Copal Electronics

  CF-CA Datasheet HTML 1Page - Copal Electronics CF-CA Datasheet HTML 2Page - Copal Electronics CF-CA Datasheet HTML 3Page - Copal Electronics CF-CA Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
●1.1mm(Without Support Terminal)
●1.1mm(With Support Terminal)
●2.4mm(Without Support Terminal)
●2.4mm(With Support Terminal)
●4.0mm(Without Support Terminal)
●4.0mm(With Support Terminal)
■Outline dimensions
5
6.7
7.6
&LUFXLW$UUDQJHPHQW
&LUFXLW'LDJUDP
&LUFXLW$UUDQJHPHQW
&LUFXLW'LDJUDP
&LUFXLW$UUDQJHPHQW
&LUFXLW'LDJUDP
&LUFXLW$UUDQJHPHQW
&LUFXLW'LDJUDP
&LUFXLW$UUDQJHPHQW
&LUFXLW'LDJUDP
&LUFXLW$UUDQJHPHQW
&LUFXLW'LDJUDP
)5((
386+
2))
①
②
①②
①②
4
(t=0.25)
0.8
±0.1
3.8
1.1
0.25
6752.(
5
6.7
4.5
7.6
3.8
①②
4
(t=0.25)
0.8
±0.1
1.1
0.25
6752.(
)5((
386+
2))
21
21
①②
①②
5
6.7
7.6
3.8
①②
4
0.8
±0.1
2.4
0.25
6752.(
(t=0.25)
)5((
386+
2))
21
①②
①②
5
6.7
4.5
7.6
3.8
①②
4
0.8
±0.1
2.4
0.25
6752.(
(t=0.25)
)5((
386+
2))
21
①②
①②
5
6.7
7.6
3.8
4
①②
0.25
4
0.8
±0.1
6752.(
(t=0.25)
)5((
386+
2))
21
①②
①②
5
6.7
7.6
3.8
4
①②
4
0.8
±0.1
4.5
0.25
6752.(
(t=0.25)
)5((
386+
2))
21
①②
①②



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com