Electronic Components Datasheet Search
  English  ▼

X  

CF-LA Datasheet(PDF) 1 Page - Copal Electronics

Part # CF-LA
Description  High In-Rush Rocker Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CF-LA Datasheet(HTML) 1 Page - Copal Electronics

  CF-LA Datasheet HTML 1Page - Copal Electronics CF-LA Datasheet HTML 2Page - Copal Electronics CF-LA Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Packaging spec
Roker design
2 poles
2
CF-LA
K
Z 2
C
Series code
Unfigured
Roker design
Packaging spec
2
3
A
K
2
C
L
Z2
PC Straight
C4
PC-R/A
C5
PC-L/A
Solder Terminals
TAB:#250
Roker design
4
5
6
ON
OFF
Plastic bags
Blank
Card board Tray
C
1
CF-LA
High In-Rush Rocker Switches
RoHS Compliant
C-US UL
ENEC
UL
Simple Dustproof
■Features
1. High in-rush rocker switch
2. Rush SolderTerminals
3. Five types of terminal (Tab, PC Straight, R/A and L/A)
4. Simple dustproof structure (IP40 rating)
5. C-US UL , UL (TV-8) and ENEC approved products.
■Approvals
C-US UL
、UL:E43275
ENEC
:1312466
■Part Numbering
■PC Hole Layouts
■Panel Cut-Out Dimensions
■Terminal Styles
Solder Terminals
(Style:L) TAB#250
(Style:Z2)
PC Straight
(Style:C) R/A(Style:C4)L/A(Style:C5)
■ :WLJPÄJH[PVUZ
Rating
Max.
16A125V AC or 16A250V AC (Resistive load)
Min.
AC
/DC5V 10mA
Initial contact resistance
20m
Ω max.
Initial Dielectric strength
1500V AC 1minute.
Initial insulation resistance 100M
Ω min.
Operating force
1
∼8N
Electrical life
20,000 cycles
Operating temperature range
ー25∼+85℃
Storage temperature range
ー40∼+85℃
PC、TAB
R/A、L/A
R/A
PC
R/A、L/A
X
+0.1
0
3±0.1
15 ±0.1
1
0
-0.05
X
+0.1
0
15±0.1
3±0.1
X
+0.1
0
21±0.3
1
0
-0.05
X
+0.1
0
21±0.3
Panel thickness
XY
0.75
∼1.25
28.2
12.9
1.25
以上∼2
28.4
12.9
2
∼3
28.8
12.9
※For the L/A terminal, only two poles
are available.
6.35
R0.83
R1.6
t=0.8
6.35
t=0.8
φ1.65
t=0.8
2
4.2
12.5
R/A
L/A


Similar Part No. - CF-LA

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CF-LD COPAL-CF-LD Datasheet
475Kb / 2P
Hyper-Miniature Lever Switches
CF-LD-1DC-AG2 COPAL-CF-LD-1DC-AG2 Datasheet
475Kb / 2P
Hyper-Miniature Lever Switches
CF-LD-1DC-AG2 COPAL-CF-LD-1DC-AG2 Datasheet
475Kb / 2P
Hyper-Miniature Lever Switches
CF-LD-1DC-AG2W COPAL-CF-LD-1DC-AG2W Datasheet
475Kb / 2P
Hyper-Miniature Lever Switches
CF-LD-1DC-AG2W COPAL-CF-LD-1DC-AG2W Datasheet
475Kb / 2P
Hyper-Miniature Lever Switches
More results

Similar Description - CF-LA

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
R6ABLKBLKAF E-SWITCH-R6ABLKBLKAF Datasheet
106Kb / 2P
ROCKER SWITCHES
logo
ITT Industries
D101J12S215QA ITT-D101J12S215QA Datasheet
369Kb / 5P
Miniature Snap-in Power Rocker Switches
J01J12AQ ITT-J01J12AQ Datasheet
182Kb / 3P
Rocker Switches
logo
C&K Components
D101J12S215DQA CK-COMPONENTS-D101J12S215DQA Datasheet
1Mb / 5P
Miniature Snap-in Power Rocker Switches
logo
E-SWITCH
RA1066 E-SWITCH-RA1066 Datasheet
863Kb / 2P
ROCKER SWITCHES
logo
List of Unclassifed Man...
R2401C2NBB ETC2-R2401C2NBB Datasheet
99Kb / 2P
R SERIES SNAP-IN ROCKER SWITCHES
logo
Carling Technologies
LS1511-13-BL-BL-012 CARLINGTECH-LS1511-13-BL-BL-012 Datasheet
663Kb / 4P
Rocker Switches
logo
NTE Electronics
54-870 NTE-54-870 Datasheet
3Mb / 4P
Rocker Switches
logo
C&K Components
SW CK-COMPONENTS-SW Datasheet
113Kb / 1P
Rocker Switches
9 Oct 2019
logo
Switchcraft, Inc.
150B98NN SWITCH-150B98NN Datasheet
156Kb / 1P
ROCKER SWITCHES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com