Electronic Components Datasheet Search
  English  ▼

X  

CFP2 Datasheet(PDF) 3 Page - Copal Electronics

Part # CFP2
Description  Ultra-Miniature Pushbutton Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CFP2 Datasheet(HTML) 3 Page - Copal Electronics

  CFP2 Datasheet HTML 1Page - Copal Electronics CFP2 Datasheet HTML 2Page - Copal Electronics CFP2 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
8-φ0.8
5-φ0.8
※ The above pcb hole dimengion, it is a top view drawiing when we fix the switch.
CFP2
SPDT
DPDT
Switching
function
Part No.
CFP2-1FC6-AW
ON
(ON)
Connecting terminals
5
−65−4
Switching
function
Part No.
☆CFP2-2RC6-AW
ON
(ON)
Connecting terminals
2
−3
5
−6
2
−1
5
−4
V/M
V/M
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
PC Hole Layouts
(Top view)
PC Hole Layouts
(Top view)
■Handling SpeciÄcations(CFP2)
1. Soldering SpeciÄcations
⑴Manual Soldering
Device:Soldering iron
350
°
C, Max.; 3 seconds, Max.
⑵Auto Soldering
Device:Jet wave type or dip type
260
°
C, Max.; 3-5 seconds, Max. (One time)
Total dip time: Within 10 seconds
・Pre-heating should be done at temperatures from
80
°
C to 120
°
C and within 120 seconds
⑶When soldering two or more terminals to a common
land, use solder resist to separate them
2. Flux Cleaning
⑴Solvents : Fluorine or Alcohol type
⑵Cleaning after soldering should be done after the
PC board is exposed to room temperature (30
or below) for 1 to 2 hours.
⑶Do not use ultrasonic cleaning.
(ON)
:Momentary.
The blue line shows the outline of the switch.
■Packaging SpeciÄcations
Plastic Pack
100 pcs/pack
☆:Semi-standard products.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com