Electronic Components Datasheet Search
  English  ▼

X  

CJ25 Datasheet(PDF) 2 Page - Copal Electronics

Part # CJ25
Description  JOYSTICK ENCODER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CJ25 Datasheet(HTML) 2 Page - Copal Electronics

  CJ25 Datasheet HTML 1Page - Copal Electronics CJ25 Datasheet HTML 2Page - Copal Electronics CJ25 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CJ25
JOYSTICK ENCODER
Encoder
Joystick
Switch
■ RELIABILITY TEST
Vibration
Power OFF
Power OFF
Power OFF
Power ON
Power OFF
Power ON
Power OFF
Power OFF
Shock
High temperature
exposure
Low temperature
exposure
Humidity
Thermal shock
Test item
Test conditions
Amplitude : 1.52mm or 98.1m/s2 (10G
)whichever is smaller.
10 ~ 500Hz excursion 15 min/cycle, 8 cycles each for X, Z, directions.
3 times each in directions (X, Z) at 490m/s2 (50G), 11ms.
80 °C 96 h
(To be measured after leaving samples for 1 h at normal temperature and
humidity after the test.)
50 °C 96 h
− 20 °C 96 h
0 °C 96 h
40 °C Relative humidity 90 ∼ 95 % 96 h
(To be measured after wiping out moisture and leaving samples for 1 h at normal temperature and humidity after the test.)
To be done 10 cycles with the following condition
(To be measured after leaving samples for 1 h at normal temperature and humidity after the test.)
80 °C 0.5 h、− 20 °C 0.5 h
Input voltage
DC5 V ± 5 %
Input current
20mA maximum at 5V
Output wave form
Incremental signal (Square wave)
Pulses Per Rotation
5P/R
Maximum frequencies response
10Hz
Output
Open collector,Pull-up resistor 2.2K
Output Code
2-Bit, Channel A/B,Phase difference 90°
Output Signal
High
: 3.8V minimum
Low
: 0.4V maximum
Output Sink Current
6mA minimum
Input current
5mA maximum at 5V
Output Code
2-Bit (X,Y)
Output Signal
Neutral
: 2.5±0.5V
High
: 4.5V minimum
Low
: 0.5V maximum
Rating
DC5V, 10mA
Contact Resistance
10
maximum
Contact Bouncing
Switching
: 4ms make
Non-switching
: 10ms break
■ STANDARD SPECIFICATIONS
O Electrical characteristics
Joystick
Encoder
Switch
Mounting Torque
1.17N
· m maximum (12kgf · cm maximum)
Actuator Strength
19.6N maximum (2kg maximum)
Max. Shaft Pull-out Strength
98N maximum (10kg maximum)
Max. Shaft Push-out Strength
98N maximum (10kg maximum)
Angle of Throw
All directions 9±2°
Operating Force
X,Y 1.47±0.74N (150±75gf)
Joystick Life
500,000 actuation each in directions (X, Y)
Click Torque
9.8±4.9mN
· m (100±50gf · cm)
Clicks Per Rotation
20
Rotational Life
1 million cycles
Operating Force
3.43±1.47N (350±150gf)
Stroke
0.5±0.2mm
Switching Life
1 million cycles
O Mechanical characteristics
Operating Temp. Range
0°C
~ + 50°C
Storage Temp. Range
−
20 ~ 80°C
O Environmental characteristics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com