Electronic Components Datasheet Search
  English  ▼

X  

CL-SA Datasheet(PDF) 1 Page - Copal Electronics

Part # CL-SA
Description  SLIDE SWITCHES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CL-SA Datasheet(HTML) 1 Page - Copal Electronics

  CL-SA Datasheet HTML 1Page - Copal Electronics CL-SA Datasheet HTML 2Page - Copal Electronics CL-SA Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
—
②
①
⑤
⑥
③
④
Correspond to rating current 500mA
Possible to continue mounting with 2.54mm pitch
RoHS compliant
■
FEATURES
INTERNAL STRUCTURE
Part name
②
③
④
⑤
⑥
Slider contact
Slider
Terminal pin
Click spring
Click ball
Material
Flammability
—
UL94V-0
—
—
Copper alloy, Gold-plated
Polyamido
① Housing
UL94V-0
Polyamido
Copper alloy, Gold-plated
Stainless steel(SUS304)
Stainless steel(SUS304)
CL-SA
SLIDE SWITCHES
RoHS compliant
■ PART NUMBER DESIGNATION
CL - SA - 1 2 C - 0 2
Series name
No. of bits
1:1 pole
Contact material
2
:Gold
Knob length
・Color
0
:Short・White
2
:Short・Red
Form of packaging
Blank
:Bulk in plastic bag
No. of positions
2:2 positions
Shape of terminal
C:PC terminal
C
4:PC terminal-R/A(Right angle)
※Please refer to the LIST OF PART NUMBERS when placing orders.


Similar Part No. - CL-SA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CL-SA-12C-02 ETC1-CL-SA-12C-02 Datasheet
416Kb / 3P
Correspond to rating current 500mA
CL-SA-12C-22 ETC1-CL-SA-12C-22 Datasheet
416Kb / 3P
Correspond to rating current 500mA
CL-SA-12C4-02 ETC1-CL-SA-12C4-02 Datasheet
416Kb / 3P
Correspond to rating current 500mA
CL-SA-12C4-22 ETC1-CL-SA-12C4-22 Datasheet
416Kb / 3P
Correspond to rating current 500mA
More results

Similar Description - CL-SA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
SLIDE SWITCHES
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
Slide Switches
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
SLIDE SWITCHES
EG1300 E-SWITCH-EG1300 Datasheet
104Kb / 1P
SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
SLIDE SWITCHES
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
SLIDE SWITCHES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com