Electronic Components Datasheet Search
  English  ▼

X  

TLE4267 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE4267
Description  5-V Low Drop Voltage Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4267 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE4267 Datasheet HTML 10Page - Infineon Technologies AG TLE4267 Datasheet HTML 11Page - Infineon Technologies AG TLE4267 Datasheet HTML 12Page - Infineon Technologies AG TLE4267 Datasheet HTML 13Page - Infineon Technologies AG TLE4267 Datasheet HTML 14Page - Infineon Technologies AG TLE4267 Datasheet HTML 15Page - Infineon Technologies AG TLE4267 Datasheet HTML 16Page - Infineon Technologies AG TLE4267 Datasheet HTML 17Page - Infineon Technologies AG TLE4267 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Data Sheet
14
Rev. 2.51, 2012-01-20
TLE 4267
Figure 7
Enable and Hold Behavior
AET01986
V
Enable inactive, clamped by int.
V
pull-down resistor
GND by external
Hold active, clamped to
Power-ON reset
5)
4)
3)
C
μ
V
Hold inactive, pulled up by
Enable active
VRO, SAT
2)
1)
RO
3)
t D
LD
V
VD, SAT
UD
V
V
RT
D
E6
E6
V
Voltage controller shutdown
10)
9)
8)
μ
was released to
No switch on via
Output-low reset
than 4 s
V
for more
possible after E6
E6, rel
V
>
Hold inactive, released by
Pulse width smaller than
7)
6)
Q
t
C
s
μ
1
μ
9)
RR
8)
E6
V
V
Q, NOM
V
Q
U, HOLD
V
L, HOLD
V
2)
1)
μ
4)
6)
<1 s
5)
μ
7)
10)
10
<s
VΙ
E2
V
U, INH
L, INH
V
V
t
t
t
t
t
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com