Electronic Components Datasheet Search
  English  ▼

X  

TMP320LF2402APGS Datasheet(PDF) 68 Page - Texas Instruments

Part # TMP320LF2402APGS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320LF2402APGS Datasheet(HTML) 68 Page - Texas Instruments

Back Button TMP320LF2402APGS Datasheet HTML 64Page - Texas Instruments TMP320LF2402APGS Datasheet HTML 65Page - Texas Instruments TMP320LF2402APGS Datasheet HTML 66Page - Texas Instruments TMP320LF2402APGS Datasheet HTML 67Page - Texas Instruments TMP320LF2402APGS Datasheet HTML 68Page - Texas Instruments TMP320LF2402APGS Datasheet HTML 69Page - Texas Instruments TMP320LF2402APGS Datasheet HTML 70Page - Texas Instruments TMP320LF2402APGS Datasheet HTML 71Page - Texas Instruments TMP320LF2402APGS Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
68
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
development support (continued)
Table 16. TMS320x24x-Specific Development Tools
DEVELOPMENT TOOL
PLATFORM
PART NUMBER
Hardware − Evaluation/Starter Kits
2401A eZdsp
PC
TMDSeZD2401
F2407A EVM
PC
TMDS3P701016A
LF2407A eZdsp
PC
TMDSEZD2407
The LF2407 Evaluation Module (EVM) provide designers of motor and motion control applications with a
complete and cost-effective way to take their designs from concept to production. These tools offer both a
hardware and software development environment and include:
D Flash-based LF240xA evaluation board
D Code Generation Tools
D Assembler/Linker
D C Compiler
D Source code debugger
D C24x Debugger
D Code Composer IDE
D XDS510PP JTAG-based emulator
D Sample applications code
D Universal 5-V DC power supply
D Documentation and cables
device and development support tool nomenclature
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers of all
TMS320
 DSP devices and support tools. Each TMS320 DSP commercial family member has one of three
prefixes: TMX, TMP, or TMS. Texas Instruments recommends two of three possible prefix designators for its
support tools: TMDX and TMDS. These prefixes represent evolutionary stages of product development from
engineering prototypes (TMX/TMDX) through fully qualified production devices/tools (TMS/TMDS).
Device development evolutionary flow:
TMX
Experimental device that is not necessarily representative of the final device’s electrical specifications
TMP
Final silicon die that conforms to the device’s electrical specifications but has not completed quality
and reliability verification
TMS
Fully qualified production device
Support tool development evolutionary flow:
TMDX Development-support product that has not yet completed Texas Instruments internal qualification
testing.
TMDS Fully qualified development-support product
TMX and TMP devices and TMDX development-support tools are shipped against the following disclaimer:
“Developmental product is intended for internal evaluation purposes.”
TMS devices and TMDS development-support tools have been characterized fully, and the quality and reliability
of the device have been demonstrated fully. TI’s standard warranty applies.
TMS320 is a trademark of Texas Instruments.
eZdsp is a trademark of Spectrum Digital, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com