Electronic Components Datasheet Search
  English  ▼

X  

TMP320LF2402APGS Datasheet(PDF) 103 Page - Texas Instruments

Part # TMP320LF2402APGS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320LF2402APGS Datasheet(HTML) 103 Page - Texas Instruments

Back Button TMP320LF2402APGS Datasheet HTML 99Page - Texas Instruments TMP320LF2402APGS Datasheet HTML 100Page - Texas Instruments TMP320LF2402APGS Datasheet HTML 101Page - Texas Instruments TMP320LF2402APGS Datasheet HTML 102Page - Texas Instruments TMP320LF2402APGS Datasheet HTML 103Page - Texas Instruments TMP320LF2402APGS Datasheet HTML 104Page - Texas Instruments TMP320LF2402APGS Datasheet HTML 105Page - Texas Instruments TMP320LF2402APGS Datasheet HTML 106Page - Texas Instruments TMP320LF2402APGS Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 134 page
background image
TMS320LF2407A,TMS320LF2406A, TMS320LF2403A, TMS320LF2402A
TMS320LC2406A, TMS320LC2404A, TMS320LC2403A, TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
103
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
external memory interface ready-on-read timing
switching characteristics over recommended operating conditions for an external memory
interface ready-on-read (see Figure 47)
PARAMETER
MIN
MAX
UNIT
td(COL-A)RD
Delay time, CLKOUT low to address valid
8
ns
timing requirements for an external memory interface ready-on-read (see Figure 47)
MIN
MAX
UNIT
th(RDY)COH
Hold time, READY after CLKOUT high
−3
ns
tsu(D)RD
Setup time, read data before RD strobe inactive high
8
ns
tv(RDY)ARD
Valid time, READY after address valid on read
−2
ns
tsu(RDY)COH
Setup time, READY before CLKOUT high
22
ns
th(RDY)COH
CLKOUT
PS, DS, IS
RD
D[0:15]
STRB
A[0:15]
td(COL−A)RD
tv(RDY)ARD
tsu(RDY)COH
READY†
Wait Cycle
tsu(D)RD
† The WSGR register must be programmed before the READY pin can be used. See the READY pin description for more details.
Figure 47. Ready-on-Read Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com