Electronic Components Datasheet Search
  English  ▼

X  

TPS70845 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS70845
Description  DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70845 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS70845 Datasheet HTML 9Page - Texas Instruments TPS70845 Datasheet HTML 10Page - Texas Instruments TPS70845 Datasheet HTML 11Page - Texas Instruments TPS70845 Datasheet HTML 12Page - Texas Instruments TPS70845 Datasheet HTML 13Page - Texas Instruments TPS70845 Datasheet HTML 14Page - Texas Instruments TPS70845 Datasheet HTML 15Page - Texas Instruments TPS70845 Datasheet HTML 16Page - Texas Instruments TPS70845 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
3.299
3.298
3.296
3.295
0
0.05
0.1
0.15
3.301
3.302
3.303
0.2
0.25
3.3
3.297
V
=4.3V
T
=+25 C
V
IN1
J
OUT1
°
I
OutputCurrent
A
O -
-
1.799
1.797
1.796
1.795
0
0.025
0.05
0.075
1.800
1.801
1.802
0.1
0.125
1.798
V
=2.8V
T
=+25 C
V
IN2
J
OUT2
°
I
OutputCurrent
A
O -
-
TPS70845, TPS70848
TPS70851, TPS70858
TPS70802
SLVS301D – JUNE 2000 – REVISED DECEMBER 2007
Table of Graphs
FIGURE
vs Output current
Figure 1 to Figure 3
VO
Output voltage
vs Junction temperature
Figure 4 to Figure 5
Ground current
vs Junction temperature
Figure 6
PSRR
Power-supply rejection ratio
vs Frequency
Figure 7 to Figure 10
Output spectral noise density
vs Frequency
Figure 11 to Figure 14
ZO
Output impedance
vs Frequency
Figure 15 to Figure 18
vs Temperature
Figure 19 and Figure 20
Dropout voltage
vs Input voltage
Figure 21 and Figure 22
Load transient response
Figure 23 and Figure 24
Line transient response (VOUT1)
Figure 25
Line transient response (VOUT2)
Figure 26
VO
Output voltage
vs Time (start-up)
Figure 27 and Figure 28
Equivalent series resistance (ESR)
vs Output current
Figure 30 to Figure 33
TPS70851
TPS70851
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 1.
Figure 2.
Copyright © 2000–2007, Texas Instruments Incorporated
Submit Documentation Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com