Electronic Components Datasheet Search
  English  ▼

X  

TPS70751 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS70751
Description  Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70751 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS70751 Datasheet HTML 9Page - Texas Instruments TPS70751 Datasheet HTML 10Page - Texas Instruments TPS70751 Datasheet HTML 11Page - Texas Instruments TPS70751 Datasheet HTML 12Page - Texas Instruments TPS70751 Datasheet HTML 13Page - Texas Instruments TPS70751 Datasheet HTML 14Page - Texas Instruments TPS70751 Datasheet HTML 15Page - Texas Instruments TPS70751 Datasheet HTML 16Page - Texas Instruments TPS70751 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
www.ti.com
T − Temperature −
°C
3.268
3.270
3.272
3.274
3.276
3.278
3.280
3.282
3.284
3.286
−40 −25 −10
5
20
35
50 65
80
95 110 125
VIN1 = 4.3 V
IO = 1 mA
VOUT1
1.198
1.197
1.196
1.195
0
0.05
0.1
0.15
1.199
1.200
1.201
0.2
0.25
0.3
IO − Output Current − A
VIN2 = 2.7 V
TA = 25°C
VOUT2
3.270
3.272
3.274
3.276
3.278
3.280
3.282
3.284
3.286
3.288
T − Temperature −
°C
−40 −25 −10
5
20
35
50 65
80
95 110 125
VIN1 = 4.3 V
IO = 500 mA
VOUT1
1.786
1.788
1.790
1.792
1.794
1.796
1.798
1.800
T − Temperature −
°C
−40 −25 −10
5
20
35
50 65
80
95 110 125
VIN2 = 2.8 V
IO = 1 mA
VOUT2
TPS70745, TPS70748
TPS70751, TPS70758
TPS70702
SLVS291D – MAY 2000 – REVISED DECEMBER 2007
TPS70745
TPS70751
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
TEMPERATURE
Figure 3.
Figure 4.
TPS70751
TPS70751
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
TEMPERATURE
TEMPERATURE
Figure 5.
Figure 6.
Copyright © 2000–2007, Texas Instruments Incorporated
Submit Documentation Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com