Electronic Components Datasheet Search
  English  ▼

X  

FESB16BT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # FESB16BT
Description  Ultrafast Plastic Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FESB16BT Datasheet(HTML) 2 Page - Vishay Siliconix

  FESB16BT Datasheet HTML 1Page - Vishay Siliconix FESB16BT Datasheet HTML 2Page - Vishay Siliconix FESB16BT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FES16JT, FESF16JT, FESB16JT Series
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88599
2
15-Jan-03
Maximum Ratings Ratings at 25°C ambient temperature unless otherwise specified.
FES
FES
FES
FES
FES
FES
FES
FES
Parameter
Symbol
16AT
16BT
16CT
16DT
16FT
16GT
16HT
16JT
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
300
400
500
600
V
Maximum RMS voltage
VRMS
35
70
105
140
210
280
350
420
V
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
500
600
V
Maximum average forward rectified current
at TC=100°C
IF(AV)
16.0
A
Peak forward surge current
8.3ms single half sine-wave superimposed
IFSM
250.0
A
on rated load (JEDEC Method) at TC=100°C
Operating storage and temperature range
TJ, TSTG
–65 to +150
°C
RMS isolation voltage (FESF) from terminals
4500(1)
to heatsink with t = 1.0 second, RH
≤ 30%
VISOL
3500(2)
V
1500(3)
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
FES
FES
FES
FES
FES
FES
FES
FES
Parameter
Symbol
16AT
16BT
16CT
16DT
16FT
16GT
16HT
16JT
Unit
Maximum instantaneous forward voltage
at 16A
VF
0.975
1.30
1.50
V
Maximum DC reverse current
10
at rated DC blocking voltageTC = 100°C
IR
500
µA
Maximum reverse recovery time at
IF = 0.5A, IR = 1.0A, Irr = 0.25A
trr
35
50
ns
Typical junction capacitance
CJ
175
145
pF
at 4.0V, 1MHz
Thermal Characteristics (TC = 25°C unless otherwise noted)
Parameter
Symbol
FES
FESF
FESB
Unit
Typical thermal resistance
R
θJC
1.2
1.7
1.2
°C/W
from junction to case
Notes:
(1) Clip mounting (on case), where lead does not overlap heatsink with 0.110” offset
(2) Clip mounting (on case), where leads do overlap heatsink
(3) Screw mounting with 4-40 screw, where washer diameter is
≤ 4.9mm (0.19”)
(4) Pulse test: 300µs pulse width, 1% duty cycle
Ordering Information
Product
Case
Package Code
Package Option
FES16JT
TO-220AC
45
Anti-Static tube, 50/tube, 2K/carton
FESF16JT
ITO-220AC
45
Anti-Static tube, 50/tube, 2K/carton
31
13” reel, 800/reel, 4.8K/carton
FESB16JT
TO-263AB
45
Anti-Static tube, 50/tube, 2K/carton
81
Anti-Static 13” reel, 800/reel, 4.8K/carton



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com