Electronic Components Datasheet Search
  English  ▼

X  

G768 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # G768
Description  Remote/Local Temperature Sensor, 2 Fan Controllers with SMBus Serial Interface and System Reset Circuit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G768 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button G768 Datasheet HTML 3Page - List of Unclassifed Manufacturers G768 Datasheet HTML 4Page - List of Unclassifed Manufacturers G768 Datasheet HTML 5Page - List of Unclassifed Manufacturers G768 Datasheet HTML 6Page - List of Unclassifed Manufacturers G768 Datasheet HTML 7Page - List of Unclassifed Manufacturers G768 Datasheet HTML 8Page - List of Unclassifed Manufacturers G768 Datasheet HTML 9Page - List of Unclassifed Manufacturers G768 Datasheet HTML 10Page - List of Unclassifed Manufacturers G768 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Ver 1.3
Oct 28, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
7
G768B
Global Mixed-mode Technology Inc.
ADC Noise Filtering
The ADC is an integrating type with inherently good
noise rejection, especially of low-frequency signals
such as 60Hz/120Hz power-supply hum. Micro-power
operation places constraints on high-frequency noise
rejection; therefore, careful PC board layout and
proper external noise filtering are required for
high-accuracy remote measurements in electrically
noisy environments.
High-frequency EMI is best filtered at DXP and DXN
with an external 2200pF capacitor. This value can be
increased to about 3300pF(max), including cable ca-
pacitance. Higher capacitance than 3300pF introduces
errors due to the rise time of the switched current
source.
Nearly all noise sources tested cause the ADC meas-
urements to be higher than the actual temperature,
typically by +1°C to 10°C, depending on the frequency
and amplitude (see Typical Operating Characteristics).
PC Board Layout
Place the G768B as close as practical to the remote
diode. In a noisy environment, such as a computer
motherboard, this distance can be 4 in. to 8 in. (typical)
or more as long as the worst noise sources (such as
CRTs, clock generators, memory buses, and ISA/PCI
buses) are avoided.
Do not route the DXP-DXN lines next to the deflection
coils of a CRT. Also, do not route the traces across a
fast memory bus, which can easily introduce +30°C
error, even with good filtering, Otherwise, most noise
sources are fairly benign.
Route the DXP and DXN traces in parallel and in close
proximity to each other, away from any high-voltage
traces such as +12VDC. Leakage currents from PC
board contamination must be dealt with carefully,
since a 20M
Ω leakage path from DXP to ground
causes about +1°C error.
Route the 2 pairs of DXP1-DXN and DXP2-DXN
traces independently (Figure 2a). Connect the com-
mon DXN as close as possible to the DXN pin on IC
(Figure 2a).
Connect guard traces to GND on either side of the
DXP-DXN traces (Figure 2b). With guard traces in
place, routing near high-voltage traces is no longer an
issue.
Route through as few vias and crossunders as possi-
ble to minimize copper/solder thermocouple effects.
When introducing a thermocouple, make sure that
both the DXP and the DXN paths have matching
thermocouples. In general, PC board- induced ther-
mocouples are not a serious problem, A copper-solder
thermocouple exhibits 3µV/°C, and it takes about
200µV of voltage error at DXP-DXN to cause a +1°C
measurement error. So, most parasitic thermocouple
errors are swamped out.
Use wide traces. Narrow ones are more inductive and
tend to pick up radiated noise. The 10 mil widths and
spacing recommended on Figure 2 aren't absolutely
necessary (as they offer only a minor improvement in
leakage and noise), but try to use them where practi-
cal.
Keep in mind that copper can't be used as an EMI
shield, and only ferrous materials such as steelwork
will. Placing a copper ground plane between the
DXP-DXN traces and traces carrying high-frequency
noise signals do not help reduce EMI.
PC Board Layout Checklist
Place the G768B close to a remote diode.
Keep traces away from high voltages (+12V bus).
Keep traces away from fast data buses and CRTs.
Use recommended trace widths and spacing.
Place a ground plane under the traces
Use guard traces flanking DXP and DXN and con-
necting to GND.
Route two DXPx-DXN pairs independently
Connect the common DXN as close as possible to
the DXN pin on IC.
Place the noise filter and the 0.1F Vcc bypass
capacitors close to the G768B.
Fig 2(a) Connect the common DXN as close as
possible to the DXN pin on IC.
Fig 2 (b) Recommended DXP/DXN PC
DXP1
DXN
DXN
DXP2
DXP1
DXN
G768B
DXP2
GND
Chip Boundary
GND
DXP1
DXN
DXN
DXP2
DXP1
DXN
G768B
DXP2
GND
Chip Boundary
GND
GND
DXP
DXN
GND
10 MILS
MINIMUM
10 MILS
10 MILS
10 MILS
GND
GND
DXP
DXP
DXN
DXN
GND
GND
10 MILS
MINIMUM
10 MILS
10 MILS
10 MILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com