Electronic Components Datasheet Search
  English  ▼

X  

GSIB420 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GSIB420
Description  Single-Phase Single In-Line Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSIB420 Datasheet(HTML) 1 Page - Vishay Siliconix

  GSIB420 Datasheet HTML 1Page - Vishay Siliconix GSIB420 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GSIB420 thru GSIB480
Vishay Semiconductors
formerly General Semiconductor
Document Number 88647
www.vishay.com
26-Nov-03
1
New Product
Single-Phase Single In-Line
Bridge Rectifier
Reverse Voltage
200 and 800V
Forward Current 4.0A
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
GSIB420 GSIB440 GSIB460 GSIB480
Unit
Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
V
Maximum RMS voltage
VRMS
140
280
420
560
V
Maximum DC blocking voltage
VDC
200
400
600
800
V
Maximum average forward rectified
TC = 100°C
4.0 (1)
output current at
TA = 25°C
IF(AV)
2.3 (2)
A
Peak forward surge current single sine-wave
superimposed on rated load (JEDEC Method)
IFSM
130
A
Rating for fusing (t<8.3ms)
I2t60
A2sec
Maximum thermal resistance per leg
RΘJA
26 (2)
RΘJC
5 (1)
°C/W
Operating junction and storage temperature range
TJ, TSTG
–55 to +150
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
GSIB420 GSIB440 GSIB460 GSIB480
Unit
Maximum instantaneous forward voltage drop
per leg at 2.0A
VF
0.95
V
Maximum DC reverse current at
TA = 25°C
10
rated DC blocking voltage per leg
TA = 125°C
IR
250
µA
Notes: (1) Unit case mounted on Al plate heatsink.
(2) Units mounted on P.C.B. with 0.5 x 0.5" (12 x 12mm) copper pads and 0.375" (9.5mm) lead length
(3) Recommended mounting position is to bolt down on heatsink with silicone thermal compound for
maximum heat transfer with #6 screw
0.042 (1.07)
0.038 (0.96)
Dia.
+
0.996 (25.3)
0.972 (24.7)
0.709 (18.0)
0.669 (17.0)
0.602 (15.3)
0.579 (14.7)
0.118 x 45 Chamfer
0.492
(12.5)
0.157 (4.0)
0.078 (1.98)
0.062 (1.58)
0.057(1.45)
0.041(1.05)
0.189 (4.8)
0.173 (4.4)
0.709 (18.0)
0.669 (17.0)
0.146 (3.7)
0.130 (3.3)
0.150 (3.8)
0.134 (3.4)
0.134 (3.4)
0.122 (3.1)
Dia.
0.126 (3.2)
0.110 (2.8)
0.059
(1.50)
0.012
(0.30)
Z
Detail Z
enlarged
0.382 (9.7)
0.366 (9.3)
0.303 (7.7)
0.287 (7.3)
(3x)
Dimensions in inches and (millimeters)
Use suffix "N" for no stand-off
Case Style GSIB-3G
Features
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
• High case dielectric strength of 1500 VRMS
• Ideal for printed circuit boards
• Glass passivated chip junction
• High surge current capability
Mechanical Data
Case: Molded plastic body over passivated junctions
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
High temperature soldering guaranteed:
260°C/10 seconds, 0.375" (9.5mm) lead length,
5lbs. (2.3kg) tension
Mounting Position: Any (3)
Mounting Torque: 5 in-lbs max.
Weight: 0.15 oz., 4.0 g


Similar Part No. - GSIB420

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSIB420 VISHAY-GSIB420 Datasheet
123Kb / 4P
Single-Phase Single In-Line Bridge Rectifier
31-Jan-08
logo
Gulf Semiconductor
GSIB420 GULFSEMI-GSIB420 Datasheet
144Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 4.0A
logo
Vishay Siliconix
GSIB420 VISHAY-GSIB420_08 Datasheet
123Kb / 4P
Single-Phase Single In-Line Bridge Rectifier
31-Jan-08
More results

Similar Description - GSIB420

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSIB620 VISHAY-VSIB620 Datasheet
202Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
20-Jul-05
logo
TAITRON Components Inco...
KBPC40-005S TAITRON-KBPC40-005S Datasheet
152Kb / 4P
40A Single-Phase in-line Bridge Rectifier
KBPC50-005S TAITRON-KBPC50-005S Datasheet
150Kb / 4P
50A Single-Phase in-line Bridge Rectifier
logo
Vishay Siliconix
GSIB420 VISHAY-GSIB420_08 Datasheet
123Kb / 4P
Single-Phase Single In-Line Bridge Rectifier
31-Jan-08
GSIB2520 VISHAY-GSIB2520_08 Datasheet
103Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
31-Jan-08
VSIB4A20 VISHAY-VSIB4A20 Datasheet
101Kb / 4P
Single-Phase Single In-Line Bridge Rectifier
14-Jul-09
VSIB10A20 VISHAY-VSIB10A20 Datasheet
95Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
15-Dec-08
VSIB420 VISHAY-VSIB420 Datasheet
101Kb / 4P
Single-Phase Single In-Line Bridge Rectifier
14-Jul-09
GBUE2560 VISHAY-GBUE2560 Datasheet
100Kb / 5P
Single-Phase Single In-Line Bridge Rectifier
18-Oct-17
GBUE2560 VISHAY-GBUE2560_V01 Datasheet
143Kb / 5P
Low VF Single-Phase Single In-Line Bridge Rectifier
08-Jun-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com