Electronic Components Datasheet Search
  English  ▼

X  

GSIB2560 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GSIB2560
Description  Single-Phase Single In-Line Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSIB2560 Datasheet(HTML) 1 Page - Vishay Siliconix

  GSIB2560 Datasheet HTML 1Page - Vishay Siliconix GSIB2560 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GSIB2520 thru GSIB2580
Vishay Semiconductors
formerly General Semiconductor
Document Number 88646
www.vishay.com
1-Dec-03
1
New Product
Single-Phase Single In-Line
Bridge Rectifiers
Reverse Voltage 200 to 800V
Forward Current 25A
2.5 ±0.2
2.2 ±0.2
1±0.1
10 ±0.2
7.5
±0.2
2.7 ±0.2
0.7 ±0.1
4.6 ±0.2
3.6 ±0.2
+
7.5
±0.2
30 ±0.3
Case Style GSIB-5S
Dimensions in millimeters
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
GSIB2520 GSIB2540 GSIB2560 GSIB2580
Unit
Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
V
Maximum RMS voltage
VRMS
140
280
420
560
V
Maximum DC blocking voltage
VDC
200
400
600
800
V
Maximum average forward rectified
TC = 98°C
25(1)
output current at
TA = 25°C
IF(AV)
3.5(2)
A
Peak forward surge current single sine-wave
superimposed on rated load (JEDEC Method)
IFSM
350
A
Rating for fusing (t < 8.3ms)
I2t
500
A2sec
Maximum thermal resistance per leg
RθJA
22(2)
RθJC
1.0(1)
°C/W
Operating junction and storage temperature range
TJ, TSTG
–55 to +150
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
GSIB2520 GSIB2540 GSIB2560 GSIB2580
Unit
Maximum instantaneous forward voltage drop
per leg at 12.5A
VF
1.00
V
Maximum DC reverse current at
TA = 25°C
10
rated DC blocking voltage per leg
TA = 125°C
IR
350
µA
Notes: (1) Unit case mounted on Al plate heatsink
(2) Units mounted on P.C.B. without heatsink
(3) Recommended mounting position is to bolt down on heatsink with silicone
thermal compound for maximum heat transfer with #6 screw
Features
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
• This series is UL listed under the Recognized
Component Index, file number E54214.
• High case dielectric strength of 2500 VRMS
• Ideal for printed circuit boards
• Glass passivated chip junction
• High surge current capability
Mechanical Data
Case: GSIB-5S Molded plastic body
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
High temperature soldering guaranteed:
260°C/10 seconds, 0.375 (9.5mm) lead length,
5lbs. (2.3kg) tension
Mounting Position: Any (Note 3)
Mounting Torque: 8 in-lbs max.
Weight: 0.26 oz., 7.0 g


Similar Part No. - GSIB2560

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSIB2560 VISHAY-GSIB2560 Datasheet
103Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
31-Jan-08
logo
Gulf Semiconductor
GSIB2560 GULFSEMI-GSIB2560 Datasheet
143Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 25.0A
logo
Vishay Siliconix
GSIB2560 VISHAY-GSIB2560 Datasheet
83Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
16-Aug-13
GSIB2560 VISHAY-GSIB2560 Datasheet
92Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
09-Jul-2020
logo
Gulf Semiconductor
GSIB2560-E GULFSEMI-GSIB2560-E Datasheet
143Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 600V to 1000V Current: 25.0A
More results

Similar Description - GSIB2560

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSIB620 VISHAY-GSIB620_08 Datasheet
104Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
31-Jan-08
VSIB6A20 VISHAY-VSIB6A20 Datasheet
95Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
15-Dec-08
VSIB1520 VISHAY-VSIB1520 Datasheet
95Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
15-Dec-08
GSIB1520N VISHAY-GSIB1520N Datasheet
90Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
15-Aug-11
GSIB2520N VISHAY-GSIB2520N Datasheet
89Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
15-Aug-11
GSIB25XX VISHAY-GSIB25XX Datasheet
83Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
16-Aug-13
LVB1560 VISHAY-LVB1560_13 Datasheet
69Kb / 3P
Single-Phase Single In-Line Bridge Rectifiers
26-Jun-13
GSIB2020 VISHAY-GSIB2020_V01 Datasheet
93Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
09-Jul-2020
GSIB2520N VISHAY-GSIB2520N_V01 Datasheet
92Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
09-Jul-2020
GSIB620N VISHAY-GSIB620N_V01 Datasheet
93Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
09-Jul-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com