Electronic Components Datasheet Search
  English  ▼

X  

LM1203 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1203
Description  RGB Video Amplifier System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1203 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM1203 Datasheet HTML 8Page - National Semiconductor (TI) LM1203 Datasheet HTML 9Page - National Semiconductor (TI) LM1203 Datasheet HTML 10Page - National Semiconductor (TI) LM1203 Datasheet HTML 11Page - National Semiconductor (TI) LM1203 Datasheet HTML 12Page - National Semiconductor (TI) LM1203 Datasheet HTML 13Page - National Semiconductor (TI) LM1203 Datasheet HTML 14Page - National Semiconductor (TI) LM1203 Datasheet HTML 15Page - National Semiconductor (TI) LM1203 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Additional Applications of the LM1203 (Continued)
When diode D4 at Pin 11 is switched to ground the input
video signals will be DC shifted down and clamped at a
voltage near ground (approximately 250 mV) This will dis-
able the video amplifiers and force the output DC level low
The DC outputs from other similarly configured LM1203s
could overide this lower DC level and provide the output
signals to the 75X cable drivers In this case any additional
LM1203s would share the same 390X output resistor The
maximum DC plus peak white output voltage should not be
allowed to exceed 7V because the ‘‘off’’ amplifier output
stage could suffer internal zener damage See
Figure 3 and
text for a description of the internal configuration of the vid-
eo amplifier
Figure 10 shows the configuration for a three channel high
frequency amplifier with non gated DC feedback Pin 14 is
tied low to turn on the clamp comparators (feedback amplifi-
ers) The inverting inputs (Pins 17 21 26) are connected to
the amplifier outputs from a low pass filter Additional low
frequency filtering is provided by the clamp caps The drive
resistors can be made variable or fixed at values between 0
and 300X Maximum output swings are achieved when the
DC output is set to approximately 4V The high frequency
response will be dependent upon external peaking at the
drive pins
TLH9178 – 10
FIGURE 10 Three Channel High Frequency Amplifier with Non-gated DC Feedback (Non-video Applications)
http
www nationalcom
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com