Electronic Components Datasheet Search
  English  ▼

X  

HT27LC010 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT27LC010
Description  CMOS 128K X 8-Bit OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT27LC010 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT27LC010 Datasheet HTML 6Page - Holtek Semiconductor Inc HT27LC010 Datasheet HTML 7Page - Holtek Semiconductor Inc HT27LC010 Datasheet HTML 8Page - Holtek Semiconductor Inc HT27LC010 Datasheet HTML 9Page - Holtek Semiconductor Inc HT27LC010 Datasheet HTML 10Page - Holtek Semiconductor Inc HT27LC010 Datasheet HTML 11Page - Holtek Semiconductor Inc HT27LC010 Datasheet HTML 12Page - Holtek Semiconductor Inc HT27LC010 Datasheet HTML 13Page - Holtek Semiconductor Inc HT27LC010 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
32-pin PLCC Outline Dimensions
Symbol
Dimensions in mil
Min.
Nom.
Max.
A
485
¾
495
B
445
¾
455
C
585
¾
595
D
545
¾
555
E
105
¾
115
F
¾¾
140
G15
¾¾
H
¾
50
¾
I16
¾
22
J24
¾
32
K8
¾
12
a
0
°¾
10
°
HT27LC010
Rev. 1.30
10
December 8, 2003
4
1
3 0
5
2 9
1 3
1 4
2 0
2 1
A
B
E F
G
H
I
J
K
3 2
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com