Electronic Components Datasheet Search
  English  ▼

X  

ICS8624BYLFT Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8624BYLFT
Description  LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL ZERO DELAY BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8624BYLFT Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8624BYLFT Datasheet HTML 1Page - Integrated Circuit Systems ICS8624BYLFT Datasheet HTML 2Page - Integrated Circuit Systems ICS8624BYLFT Datasheet HTML 3Page - Integrated Circuit Systems ICS8624BYLFT Datasheet HTML 4Page - Integrated Circuit Systems ICS8624BYLFT Datasheet HTML 5Page - Integrated Circuit Systems ICS8624BYLFT Datasheet HTML 6Page - Integrated Circuit Systems ICS8624BYLFT Datasheet HTML 7Page - Integrated Circuit Systems ICS8624BYLFT Datasheet HTML 8Page - Integrated Circuit Systems ICS8624BYLFT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
8624BY
www.icst.com/products/hiperclocks.html
REV. C JUNE 15, 2004
1
Integrated
Circuit
Systems, Inc.
ICS8624
LOW SKEW, 1-TO-5
DIFFERENTIAL-TO-HSTL ZERO DELAY BUFFER
GENERAL DESCRIPTION
The ICS8624 is a high performance, 1-to-5
Differential-to-HSTL zero delay buffer and
a member of the HiPerClockS™ family of High
Performance Clock Solutions from ICS. The
ICS8624 has two selectable clock input pairs.
The CLK0, nCLK0 and CLK1, nCLK1 pair can accept most
standard differential input levels. The VCO operates at a fre-
quency range of 250MHz to 700MHz. Utilizing one of the
outputs as feedback to the PLL, output frequencies up to
700MHz can be regenerated with zero delay with respect to
the input. Dual reference clock inputs support redundant clock
or multiple reference applications.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• Fully integrated PLL
• 5 differential HSTL outputs
• Selectable differential CLKx, nCLKx input pairs
• CLKx, nCLKx pairs can accept the following differential
input levels: LVPECL, LVDS, HSTL, SSTL, HCSL
• Output frequency range: 31.25MHz to 700MHz
• Input frequency range: 31.25MHz to 700MHz
• VCO range: 250MHz to 700MHz
• External feedback for “zero delay” clock regeneration
• Cycle-to-cycle jitter: 25ps (maximum)
• Output skew: 25ps (maximum)
• Static phase offset: ±100ps
• 3.3V core, 1.8V output operating supply
• 0°C to 70°C ambient operating temperature
• Lead-Free package available
• Industrial temperature information available upon request
32 31 30 29 28 27 26 25
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
VDDO
Q3
nQ3
Q2
nQ2
Q1
nQ1
VDDO
SEL0
SEL1
CLK0
nCLK0
CLK1
nCLK1
CLK_SEL
MR
32-Lead LQFP
7mm x 7mm x 1.4mm body package
Y Package
Top View
ICS8624
HiPerClockS™
ICS
PLL_SEL
CLK0
nCLK0
CLK1
nCLK1
CLK_SEL
FB_IN
nFB_IN
SEL0
SEL1
MR
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
0
1
PLL
0
1
÷4, ÷8


Similar Part No. - ICS8624BYLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8624I IDT-ICS8624I Datasheet
182Kb / 16P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL ZERO DELAY BUFFER
More results

Similar Description - ICS8624BYLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85210-21 ICST-ICS85210-21 Datasheet
246Kb / 13P
LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A OCTOBER 6, 2003
ICS85210-31 ICST-ICS85210-31 Datasheet
257Kb / 14P
LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. B MARCH 19, 2004
ICS85214 ICST-ICS85214 Datasheet
119Kb / 16P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JULY 17, 2003
ICS85214I ICST-ICS85214I Datasheet
189Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JUNE 1, 2005
logo
Integrated Device Techn...
ICS87951I-147 IDT-ICS87951I-147 Datasheet
635Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TOLVCMOS ZERO DELAY BUFFER
ICS8624I IDT-ICS8624I Datasheet
182Kb / 16P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL ZERO DELAY BUFFER
ICS87951I IDT-ICS87951I Datasheet
191Kb / 14P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY BUFFER
logo
Renesas Technology Corp
ICS8523I RENESAS-ICS8523I Datasheet
494Kb / 19P
Low Skew, 1-to-4, Differential-to-HSTL Fantout Buffer
2019
ICS85214I RENESAS-ICS85214I Datasheet
391Kb / 17P
Low Skew, 1-to-5, Differential-to-HSTL Fanout Buffer
2016
ICS86953I-147 RENESAS-ICS86953I-147 Datasheet
171Kb / 14P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVCMOS / LVTTL ZERO DELAY BUFFER
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com