Electronic Components Datasheet Search
  English  ▼

X  

ICS8761CYT Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS8761CYT
Description  LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8761CYT Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS8761CYT Datasheet HTML 1Page - Integrated Circuit Systems ICS8761CYT Datasheet HTML 2Page - Integrated Circuit Systems ICS8761CYT Datasheet HTML 3Page - Integrated Circuit Systems ICS8761CYT Datasheet HTML 4Page - Integrated Circuit Systems ICS8761CYT Datasheet HTML 5Page - Integrated Circuit Systems ICS8761CYT Datasheet HTML 6Page - Integrated Circuit Systems ICS8761CYT Datasheet HTML 7Page - Integrated Circuit Systems ICS8761CYT Datasheet HTML 8Page - Integrated Circuit Systems ICS8761CYT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
8761CY
www.icst.com/products/hiperclocks.html
REV. C SEPTEMBER 7, 2004
3
Integrated
Circuit
Systems, Inc.
ICS8761
LOW VOLTAGE, LOW SKEW,
PCI / PCI-X CLOCK GENERATOR
TABLE 2. PIN CHARACTERISTICS
TABLE 3A. OUTPUT CONTROL PIN FUNCTION TABLE
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5K
Ω
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5K
Ω
C
D
P
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
1
E
T
O
N
;
)
t
u
p
t
u
o
r
e
p
(
V
D
D
V
,
A
D
D
V
;
V
5
6
4
.
3
=
x
O
D
D
V
5
6
4
.
3
=9
F
p
V
D
D
V
,
A
D
D
V
;
V
5
6
4
.
3
=
x
O
D
D
V
5
2
6
.
2
=1
1F
p
R
T
U
O
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
5
1
Ω
V
:
1
E
T
O
N
x
O
D
D
V
s
e
t
o
n
e
d
A
O
D
D
V
,
B
O
D
D
V
,
C
O
D
D
V
,
D
O
D
D
V
,
B
F
O
D
D
.
s
t
u
p
n
Is
t
u
p
t
u
O
R
MA
E
OB
E
OC
E
OD
E
O3
A
Q
:
0
A
Q3
B
Q
:
0
B
Q3
C
Q
:
0
C
Q3
D
Q
:
0
D
Q
11
1
1
1
W
O
LW
O
LW
O
LW
O
L
01
1
1
1
e
v
i
t
c
Ae
v
i
t
c
Ae
v
i
t
c
Ae
v
i
t
c
A
X0
0
0
0
Z
i
HZ
i
HZ
i
HZ
i
H
TABLE 3B. OPERATING MODE FUNCTION TABLE
s
t
u
p
n
I
e
d
o
M
g
n
i
t
a
r
e
p
O
L
E
S
_
L
L
P
0s
s
a
p
y
B
1L
L
P
TABLE 3C. PLL INPUT FUNCTION TABLE
s
t
u
p
n
I
L
E
S
_
L
A
T
Xt
u
p
n
I
L
L
P
0K
L
C
_
F
E
R
1r
o
t
a
ll
i
c
s
O
L
A
T
X
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
6
4V
B
F
O
D
D
r
e
w
o
P.
t
u
p
t
u
o
t
u
O
_
B
F
r
o
f
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
7
4T
U
O
_
B
Ft
u
p
t
u
O
5
1
.
N
I
_
B
F
o
t
t
c
e
n
n
o
C
.
t
u
p
t
u
o
k
c
a
b
d
e
e
F
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
,
1
5
,
9
4
5
5
,
3
5
,
2
D
Q
,
3
D
Q
0
D
Q
,
1
D
Q
t
u
p
t
u
O
5
1
.
s
t
u
p
t
u
o
k
c
o
l
c
D
k
n
a
B
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
4
5
,
0
5V
D
O
D
D
r
e
w
o
P.
s
t
u
p
t
u
o
D
k
n
a
B
r
o
f
s
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
,
9
5
,
7
5
3
6
,
1
6
,
2
C
Q
,
3
C
Q
0
C
Q
,
1
C
Q
t
u
p
t
u
O
5
1
.
s
t
u
p
t
u
o
k
c
o
l
c
C
k
n
a
B
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
2
6
,
8
5V
C
O
D
D
r
e
w
o
P.
s
t
u
p
t
u
o
C
k
n
a
B
r
o
f
s
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
:
E
T
O
N
p
u
ll
u
P
d
n
a
n
w
o
d
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
r
e
f
e
r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com