Electronic Components Datasheet Search
  English  ▼

X  

CT-94EX Datasheet(PDF) 4 Page - Copal Electronics

Part # CT-94EX
Description  18 TURNS CERMET TRIMMERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CT-94EX Datasheet(HTML) 4 Page - Copal Electronics

  CT-94EX Datasheet HTML 1Page - Copal Electronics CT-94EX Datasheet HTML 2Page - Copal Electronics CT-94EX Datasheet HTML 3Page - Copal Electronics CT-94EX Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
7 2
2.5
1
2
3
4.8
9.6
1.3
2.3, Slot 0.6 W
× 0.8 D
1.1
φ
3 –
0.5 0.05
φ
Resistace/Date code and Lead-free Identification mark
O CT-94EP
Side adjustment
7 2
1.1
2.5
1
2
3
4.8
1.3
1.1
9.6
2.3, Slot 0.6 W
× 0.8 D
3 –
0.5 0.05
φ
φ
Resistace/Date code and Lead-free Identification mark
O CT-94EY
Top adjustment
Resistace/
Date code
7 2
9.6
1.1
2.5
2
3
1
1.4
4.8
1.3
2.3, Slot 0.6 W
× 0.8 D
φ
3 –
0.5 0.05
φ
Lead-free Identification mark
O CT-94EZ
Side adjustment
<Bulk pack specifications>
O Unit of bulk in a plastic bag is 50 pcs. per pack.
O Boxing of bulk in a plastic bag is performed with 100
pcs. per box.
■ PACKAGING SPECIFICATIONS
CW rotation
1
2
3
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
CT-94
CERMET TRIMMERS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com