Electronic Components Datasheet Search
  English  ▼

X  

DP7110 Datasheet(PDF) 10 Page - Copal Electronics

Part # DP7110
Description  32-Tap Digital Potentiometers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7110 Datasheet(HTML) 10 Page - Copal Electronics

Back Button DP7110 Datasheet HTML 4Page - Copal Electronics DP7110 Datasheet HTML 5Page - Copal Electronics DP7110 Datasheet HTML 6Page - Copal Electronics DP7110 Datasheet HTML 7Page - Copal Electronics DP7110 Datasheet HTML 8Page - Copal Electronics DP7110 Datasheet HTML 9Page - Copal Electronics DP7110 Datasheet HTML 10Page - Copal Electronics DP7110 Datasheet HTML 11Page - Copal Electronics DP7110 Datasheet HTML 12Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DP7110, DP7118, DP7119, DP7123, DP7124, DP7125
10
PACKAGE DIMENSIONS
SOT 23, 5 Lead
TOP VIEW
W
E
I
V
D
N
E
W
E
I
V
E
D
I
S
E1
E
PIN #1 IDENTIFICATION
A2
A1
e
b
D
c
A
L1
L
L2
Notes:
(1) All dimensions in millimeters. Angles in degrees.
(2) Complies with JEDEC standard MO-178.
2
1
SYMBOL
MIN
NOM
MAX
2
5°
15°
A
A1
A2
b
c
D
E
E1
L
L2
0.00
0.90
0.30
0.08
2.90 BSC
1.60 BSC
0.45
1.45
0.15
1.30
0.50
0.22
0.25 REF
1.15
2.80 BSC
L1
0.60 REF
e
0.30
0.60
0.95 BSC
0.90
10°
1
5°
15°
10°
0°
8°
4°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com