Electronic Components Datasheet Search
  English  ▼

X  

DP7111 Datasheet(PDF) 6 Page - Copal Electronics

Part # DP7111
Description  100-Tap Digital Potentiometer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7111 Datasheet(HTML) 6 Page - Copal Electronics

Back Button DP7111 Datasheet HTML 2Page - Copal Electronics DP7111 Datasheet HTML 3Page - Copal Electronics DP7111 Datasheet HTML 4Page - Copal Electronics DP7111 Datasheet HTML 5Page - Copal Electronics DP7111 Datasheet HTML 6Page - Copal Electronics DP7111 Datasheet HTML 7Page - Copal Electronics DP7111 Datasheet HTML 8Page - Copal Electronics DP7111 Datasheet HTML 9Page - Copal Electronics DP7111 Datasheet HTML 10Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DP7111
6
Table 5. AC TEST CONDITIONS
VCC Range
2.5 V
VCC
6 V
Input Pulse Levels
0.2 VCC to 0.7 VCC
Input Rise and Fall Times
10 ns
Input Reference Levels
0.5 VCC
Table 6. AC OPERATING CHARACTERISTICS (VCC = +2.5 V to +6.0 V, VH = VCC, VL = 0 V, unless otherwise specified)
Symbol
Parameter
Min
Typ (Note 7)
Max
Units
tCI
CS to INC Setup
100
ns
tDI
U/D to INC Setup
50
ns
tID
U/D to INC Hold
100
ns
tIL
INC LOW Period
250
ns
tIH
INC HIGH Period
250
ns
tIC
INC Inactive to CS Inactive
1
s
tCPH
CS Deselect Time (NO STORE)
100
ns
tCPH
CS Deselect Time (STORE)
10
ms
tIW
INC to VOUT Change
1
5
s
tCYC
INC Cycle Time
1
s
tR, tF (Note 8)
INC Input Rise and Fall Time
500
s
tPU (Note 8)
Power up to Wiper Stable
–
–
1
ms
tWR
Store Cycle
–
5
10
ms
7. Typical values are for TA = 25 C and nominal supply voltage.
8. This parameter is periodically sampled and not 100% tested.
9. MI in the A.C. Timing diagram refers to the minimum incremental change in the W output due to a change in the wiper position.
Figure 4. A.C. Timing
90%
90%
10%
(store)
tR
tF
MI (Note 9)
tIC
tCPH
tIW
RWB
U/D
INC
CS
tCI
tDI
tID
tIL
tIH
tCYC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com