Electronic Components Datasheet Search
  English  ▼

X  

DP7124 Datasheet(PDF) 6 Page - Copal Electronics

Part # DP7124
Description  32-Tap Digital Potentiometers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7124 Datasheet(HTML) 6 Page - Copal Electronics

Back Button DP7124 Datasheet HTML 2Page - Copal Electronics DP7124 Datasheet HTML 3Page - Copal Electronics DP7124 Datasheet HTML 4Page - Copal Electronics DP7124 Datasheet HTML 5Page - Copal Electronics DP7124 Datasheet HTML 6Page - Copal Electronics DP7124 Datasheet HTML 7Page - Copal Electronics DP7124 Datasheet HTML 8Page - Copal Electronics DP7124 Datasheet HTML 9Page - Copal Electronics DP7124 Datasheet HTML 10Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DP7110, DP7118, DP7119, DP7123, DP7124, DP7125
6
Applications Information
The devices are intended for circuits requiring digitally
controlled adjustable resistance, such as LCD contrast
control, where voltage biasing adjusts the display contrast.
Alternative Positive LCD Bias Control
An op amp can be used to provide buffering and gain on
the output of the DP7110/DP7125. This can be done by
connecting the wiper output to the positive input of a
noninverting op amp as shown in Figure 9. Figure 10 shows
a similar circuit for the DP7119/DP7124.
Adjustable Gain
Figures 11 and 12 show how to use either a variable
resistor or a potentiometer to digitally adjust the gain of a
noninverting op amp configuration, by connecting the
device in series with a resistor to ground. The devices
have a low 5 ppm/ C ratiometric tempco that allows for a
very stable adjustable gain configuration over temperature.
30 V
W
L
H
+5 V
DP7110/DP7125
30 V
L
H
+5 V
DP7119/DP7124
L
H
L
H
W
DP7110/DP7125
DP7118/DP7123
l
o
r
t
n
o
C
s
a
i
B
D
C
L
e
v
i
t
i
s
o
P
.
0
1
e
r
u
g
i
F
l
o
r
t
n
o
C
s
a
i
B
D
C
L
e
v
i
t
i
s
o
P
.
9
e
r
u
g
i
F
t
i
u
c
r
i
C
n
i
a
G
e
l
b
a
t
s
u
j
d
A
.
2
1
e
r
u
g
i
F
t
i
u
c
r
i
C
n
i
a
G
e
l
b
a
t
s
u
j
d
A
.
1
1
e
r
u
g
i
F
VOUT
VOUT
VIN
VCC
VOUT
VIN
VCC
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com