Electronic Components Datasheet Search
  English  ▼

X  

DP7140 Datasheet(PDF) 8 Page - Copal Electronics

Part # DP7140
Description  Single Channel 256 Tap
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7140 Datasheet(HTML) 8 Page - Copal Electronics

Back Button DP7140 Datasheet HTML 3Page - Copal Electronics DP7140 Datasheet HTML 4Page - Copal Electronics DP7140 Datasheet HTML 5Page - Copal Electronics DP7140 Datasheet HTML 6Page - Copal Electronics DP7140 Datasheet HTML 7Page - Copal Electronics DP7140 Datasheet HTML 8Page - Copal Electronics DP7140 Datasheet HTML 9Page - Copal Electronics DP7140 Datasheet HTML 10Page - Copal Electronics DP7140 Datasheet HTML 11Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DP7140
8
Address 1: Device ID (Read Only)
Bit 7 defines the DP device manufacturer; COPAL ELECTRONICS = high (1)
Bit
7
6
5
4
3
2
1
0
Name
1
1
0
1
0
0
0
0
A writing to address 1 has no effect. Attempts to do so will return an ACK but no data will be written.
Address 0: IVR/WR Register (I/O)
Address 00h accesses one of two memory registers: the initial value register (IVR) or the wiper register (WR) depending
upon the value of bit 7 in Access Control Register (ACR) which is at address 08h, above.
WR controls the wiper s position and is a volatile memory while IVR is non volatile and retains its data after the chip has
been powered down. Writes to IVR automatically update the WR while writes to WR leave IVR unaffected.
WR: Wiper Register = Volatile.
IVR: Initial Value Register = Non volatile.
Writing and Reading operations:
1. If Bit 7 from ACR is 0 (non volatile):
A write operation to address 00h will write the same value in WR and IVR.
A read operation to address 00h will output the content of IVR.
2. If bit 7 from ACR is 1 (volatile):
A write operation to address 00h will write in WR only.
A read operation to address 00h will output the content of WR.
All changes to the wiper s position are immediate. There is no delay the wiper s movement when writing to non volatile
memory.
Bit
7
6
5
4
3
2
1
0
Name
IVR is preprogrammed at the factory to a default value of “80h”.
I2C SERIAL BUS INSTRUCTION FORMAT
Table 14. I2C SLAVE ADDRESS BITS
Transfer Data
Slave Address
R/W bit
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Read
51h
0
1
0
1
0
0
0
1 (R)
Write
50h
0 (W)
If the Slave Address Byte sent by the host is different the device will send a NoACK.
I2C Protocol:
(A) Write data procedure with designated address. (See Table 15)
1. Host transfers the start condition
2. Host transfers the device slave address with the write mode R/W bit (0).
3. Device sends ACK
4. Host transfers the corresponding memory address to the device
5. Device sends ACK
6. Host transfers the write data to the designated address
7. Device sends ACK
8. Routines (6) and (7) are repeated based on the transfer data, and the designated address is automatically incremented*
9. Host transfers the stop condition.
*Automatically incremented writes are not possible after a non volatile write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com