Electronic Components Datasheet Search
  English  ▼

X  

TLE8080-2EM Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE8080-2EM
Description  Engine Management IC for Small Engines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8080-2EM Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE8080-2EM Datasheet HTML 10Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 11Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 12Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 13Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 14Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 15Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 16Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 17Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Data Sheet
14
Rev. 1.1, 2012-10-19
TLE8080EM
Power Stages
6
Power Stages
6.1
Low Side Switches
The power stages are built by N-channel power MOSFET transistors. The channels are universal multi channel
switches, but are mostly suitable to be used in engine management systems. Within an engine management
system, the best fit of the channels to the typical loads is:
•
Channel 1 and 3 for injector valves or similar sized solenoids with a maximum operation current requirement
of 2.6A
•
Channel 2 for malfunction indication lamps or other resistive loads with a maximum current requirement of 3A
•
Channel 4 and 5 for relays or other inductive loads with a maximum current requirement of 350mA
The channels are switched off while reset is active (pin NRO is low). After an power on reset the channels will be
switched on with a positive edge at IN1 respectively IN3 or with a switch on command over SPI.
Figure 6
Low Side Switches
In Table 5 the control concept, typical loads, the implemented protection and monitor functions are illustrated.
Table 5
Overview Diagnosis Function
Channel
Control
Recommended
Load
Over
Temperature
Over Current
Open
Load/Short
to GND
1
Pin IN1
Injector Valve
x
Latch1)
1)Reset behavior of the diagnosis bits see Chapter 8.2
x
2
SPI CMD Register
Bit 0
MIL (max. 3W)
x
repetitive switching;
off time
t
oc,off
1)
–
3
Pin IN3
Valve
x
Latch1)
x
4
SPI CMD Register
Bit 1
Relay
one
temperature
sensor for
channel 4 and
channel 5
Latch1)
x
5
SPI CMD Register
Bit 2
Relay
one
temperature
sensor for
channel 4 and
channel 5
Latch1)
x
Vbat
I
D
V DScl
OUT
V
DS
GND
L,
R
L
ID
OUT
VDS
GND
R
Channel1, 3, 4, 5
Channel2
Vbat



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com