Electronic Components Datasheet Search
  English  ▼

X  

IL34119 Datasheet(PDF) 1 Page - Integral Corp.

Part # IL34119
Description  Low Power Audio Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL34119 Datasheet(HTML) 1 Page - Integral Corp.

  IL34119 Datasheet HTML 1Page - Integral Corp. IL34119 Datasheet HTML 2Page - Integral Corp. IL34119 Datasheet HTML 3Page - Integral Corp. IL34119 Datasheet HTML 4Page - Integral Corp. IL34119 Datasheet HTML 5Page - Integral Corp. IL34119 Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TECHNICAL DATA
1
Low Power Audio Amplifier
The IL34119 is a low power audio amplifier integrated circuit
intended
(primarily)
for
telephone
applications,
such
as
in
speakerphones. It provides differential speaker outputs to maximize
output swing at low supply voltages (2.0 volts minimum). Coupling
capacitors to the speaker are not required. Open loop gain is 80 dB,
and the closed loop gain is set with two external resistors. A Chip
Disable pin permits powering down and/or muting the input signal.
The IL34119 is available in a standard 8 pin DIP or a surface mount
package.
• Wide Operating Supply Voltage Range (2-16 Volts) - Allows
Telephone Line Powered Applications
• Low Quiescent Supply Current for Battery Powered Applications
• Chip Disable Input to Power Down the IC
• Low Power Down Quiescent Current
• Drives a Wide Range of Speaker Loads (8-100Ω)
• Output Power Exceeds 250 mW with 32Ω Speaker
• Low Total Harmonic Distortion
• Gain Adjustable from <0 dB to >46 dB for Voice Band
• Requires Few External Components
IL34119
ORDERING INFORMATION
IL34119N Plastic
IL34119D SOIC
TA = -10° to 70° C for
all packages
PIN ASSIGNMENT
SIMPLIFIED BLOCK DIAGRAM
* = Optional
Differential Gain = 2 x
Rf
Ri


Similar Part No. - IL34119

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL34119 IKSEMICON-IL34119 Datasheet
725Kb / 7P
Low Power Down Quiescent Current
More results

Similar Description - IL34119

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC34119 UTC-UTCMC34119 Datasheet
86Kb / 4P
LOW POWER AUDIO AMPLIFIER
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119 Datasheet
492Kb / 11P
Low Power Audio Amplifier
logo
Wuxi Youda electronics ...
YD8602 YOUDA-YD8602 Datasheet
80Kb / 5P
LOW POWER AUDIO AMPLIFIER
logo
List of Unclassifed Man...
GP34119 ETC2-GP34119 Datasheet
551Kb / 8P
LOW POWER AUDIO AMPLIFIER
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119_07 Datasheet
744Kb / 13P
Low Power Audio Amplifier
logo
SeCoS Halbleitertechnol...
SPW34119D SECOS-SPW34119D Datasheet
1Mb / 9P
Low Power Audio Amplifier
SSGSC34119 SECOS-SSGSC34119 Datasheet
1Mb / 9P
Low Power Audio Amplifier
logo
Freescale Semiconductor...
MC34119P FREESCALE-MC34119P Datasheet
271Kb / 12P
Low Power Audio Amplifier
MC34119DTBR2 FREESCALE-MC34119DTBR2 Datasheet
271Kb / 12P
LOW POWER AUDIO AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGP34119 SECOS-SGP34119 Datasheet
1Mb / 9P
Low Power Audio Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com