Electronic Components Datasheet Search
  English  ▼

X  

MBR2060CL Datasheet(PDF) 2 Page - Mospec Semiconductor

Part # MBR2060CL
Description  Switchmode Dual Schottky Barrier Power Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

MBR2060CL Datasheet(HTML) 2 Page - Mospec Semiconductor

  MBR2060CL Datasheet HTML 1Page - Mospec Semiconductor MBR2060CL Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MBR2060CL
FIG-1 FORWARD CURRENT DERATING CURVE
FIG-2 TYPICAL FORWARD CHARACTERISITICS
CASE TEMPERATURE (℃)
FORWARD VOLTAGE (Volts)
FIG-3 TYPICAL REVERSE CHARACTERISTICS
FIG-4 TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE (Volts)
REVERSE VOLTAGE (Volts)
FIG-5 PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
TJ=25℃
TJ=75℃
TJ=125℃
TJ=25℃
TJ=125℃
TJ=75℃
1K-A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com