Electronic Components Datasheet Search
  English  ▼

X  

IRF7240 Datasheet(PDF) 6 Page - International Rectifier

Part # IRF7240
Description  HEXFET Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7240 Datasheet(HTML) 6 Page - International Rectifier

  IRF7240 Datasheet HTML 1Page - International Rectifier IRF7240 Datasheet HTML 2Page - International Rectifier IRF7240 Datasheet HTML 3Page - International Rectifier IRF7240 Datasheet HTML 4Page - International Rectifier IRF7240 Datasheet HTML 5Page - International Rectifier IRF7240 Datasheet HTML 6Page - International Rectifier IRF7240 Datasheet HTML 7Page - International Rectifier IRF7240 Datasheet HTML 8Page - International Rectifier IRF7240 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRF7240
6
www.irf.com
Fig 13. Typical On-Resistance Vs.
Drain Current
Fig 12. Typical On-Resistance Vs.
Gate Voltage
0
1020
3040
50
-ID , Drain Current (A)
0.010
0.015
0.020
0.025
VGS = -10V
VGS = -4.5V
Fig 14b. Gate Charge Test Circuit
Fig 14a. Basic Gate Charge Waveform
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
Ω
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
0.0
4.0
8.0
12.0
16.0
-VGS, Gate -to -Source Voltage (V)
0.010
0.015
0.020
0.025
0.030
0.035
ID = -10.5A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com