Electronic Components Datasheet Search
  English  ▼

X  

INA120BP Datasheet(PDF) 2 Page - Texas Instruments

Part # INA120BP
Description  INSTRUMENTATION AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA120BP Datasheet(HTML) 2 Page - Texas Instruments

  INA120BP Datasheet HTML 1Page - Texas Instruments INA120BP Datasheet HTML 2Page - Texas Instruments INA120BP Datasheet HTML 3Page - Texas Instruments INA120BP Datasheet HTML 4Page - Texas Instruments INA120BP Datasheet HTML 5Page - Texas Instruments INA120BP Datasheet HTML 6Page - Texas Instruments INA120BP Datasheet HTML 7Page - Texas Instruments INA120BP Datasheet HTML 8Page - Texas Instruments INA120BP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
®
INA120
2
SPECIFICATIONS
At T
A = +25°C and VS = ±15V unless otherwise specified.
INA120CG
INA120BG, BP
INA120AP
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
GAIN
Range of Gain
1
1000
1
1000
1
1000
V/V
Gain Equation
1 + (2R
F/RG)
1 + (2R
F/RG)
1 + (2R
F/RG)
V/V
Gain Error
G = 1
0.01
0.05
0.01
0.05
0.02
0.1
%
G = 10
0.05
0.1
0.05
0.2
0.1
0.2
%
G = 100
0.1
0.2
0.1
0.3
0.2
0.5
%
G = 1000
0.3
0.5
0.3
1
0.5
1
%
Gain Temp Coefficient
G = 1
4
10
4
20
6
20
ppm/
°C
G = 10
4
10
4
20
8
40
ppm/
°C
G = 100
6
30
6
40
10
60
ppm/
°C
G = 1000
22
50
22
50
40
100
ppm/
°C
Nonlinearity
G = 1
0.001
0.005
0.001
0.01
0.001
0.01
% of FS
G = 10
0.002
0.005
0.002
0.01
0.002
0.01
% of FS
G = 100
0.004
0.01
0.004
0.02
0.004
0.02
% of FS
G = 1000
0.008
0.05
0.008
0.1
0.008
0.1
% of FS
OFFSET VOLTAGE
Initial Offset
(10+
(25+
(50+
(100+
(50+
(200+
µV
300/G)
600/G)
300/G)
1000/G)
600/G)
2000/G)
vs Temperature
(.25 + 10/G)
(1 + 20/G)
(2 + 20/G)
µV/°C
vs Power Supply
V
S = ±6V to ±18V
(1 + 20/G)(10 + 150/G)
(1 + 20/G)(20 + 250/G)
(1 + 20/G)(40 + 300/G)
µV/V
INPUT BIAS CURRENT
Initial Bias Current
±7
±20
±7
±20
±20
±50
nA
vs Temperature
±0.2
±0.2
±0.2
nA/
°C
Initial Offset Current
±5
±10
±5
±20
±10
±50
nA
vs Temperature
±0.2
±0.2
±0.2
nA/
°C
Impedance: Differential
1010 || 3
1010 || 3
1010 || 3
Ω || pF
Common-Mode
1010 || 3
1010 || 3
1010 || 3
Ω || pF
INPUT VOLTAGE RANGE
Range, Linear Response
±10
±12.5
±10
±12.5
±10
±12.5
V
CMRR (DC, 1k
Ω Source Imbalance)
G = 1
80
90
74
90
70
85
dB
G = 10
96
106
90
106
86
95
dB
G = 100
106
110
106
110
100
105
dB
G = 1000
106
110
106
110
100
105
dB
NOISE
Input Voltage Noise
f
B = 0.1Hz to 10Hz
G = 1000
0.7
0.7
0.7
µV p-p
Density; f = 10Hz
G = 1000
14
14
14
nV/
√Hz
f = 100Hz
11
11
11
nV/
√Hz
f = 1000Hz
10
10
10
nV/
√Hz
Input Current Noise
f
B = 0.1Hz to 10Hz
50
50
50
pAp-p
Density; f = 10Hz
1.8
1.8
1.8
pA/
√Hz
f = 1kHz
0.4
0.4
0.4
pA/
√Hz
Output Voltage Noise
f
B = 0.1Hz to 10Hz
8
8
8
µVp-p
DYNAMIC RESPONSE
Small Signal Bandwidth (–3dB)
G = 1
2
2
2
MHz
G = 10
200
200
200
kHz
G = 100
20
20
20
kHz
G = 1000
2
2
2
kHz
Slew Rate
0.4
0.6
0.4
0.6
0.4
0.6
V/
µs
Settling Time to 0.01%
G = 1
24
24
24
µs
G = 10
30
30
30
µs
G = 100
50
50
50
µs
G = 1000
200
200
200
µs
Full Power Bandwidth, G < 200
V
O = ±10V, RL = 2kΩ
999
kHz
Overload Recovery
50% Overdrive
2
2
2
µs
OUTPUT
Voltage, R
L = 2kΩ
Over Temperature
±10.5
±12.8
±10.5
±12.8
±10.5
±12.8
V
Current
Over Temperature
5
15
5
15
5
15
mA
Short-Circuit Current
24
24
24
mA
Capacitive Load, Stable Operation
4000
4000
4000
pF
POWER SUPPLY
Rated Voltage
±15
±15
±15
V
Voltage Range
±6
±18
±6
±18
±6
±18
V
Supply Current
V
O = 0V
±2.7
±4
±2.7
±4
±2.7
±4mA
TEMPERATURE RANGE
Specification
–25
+85
–25
+85
–25
+85
°C
Operation BP,AP
–40
+85
–40
+85
°C
Operation CG,BG
–55
+125
–55
+125
°C
Storage
–65
+150
–65
+150
–65
+150
°C
See Absolute Maximum Table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com